Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS563210 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS563210
Descripción Electrónicos  TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS563210 Datasheet(HTML) 5 Page - Texas Instruments

  TPS563210_15 Datasheet HTML 1Page - Texas Instruments TPS563210_15 Datasheet HTML 2Page - Texas Instruments TPS563210_15 Datasheet HTML 3Page - Texas Instruments TPS563210_15 Datasheet HTML 4Page - Texas Instruments TPS563210_15 Datasheet HTML 5Page - Texas Instruments TPS563210_15 Datasheet HTML 6Page - Texas Instruments TPS563210_15 Datasheet HTML 7Page - Texas Instruments TPS563210_15 Datasheet HTML 8Page - Texas Instruments TPS563210_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
7.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating – non-switching supply current
VIN current, TA = 25°C, EN = 5V, VFB = 0.8 V
190
290
µA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.0
10
µA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
225
450
900
k
Ω
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, IO =10 mA, Eco-
VFB threshold voltage TPS562210
772
mV
mode™ operation
TA = 25°C, VO = 1.05 V
758
765
772
VFBTH
VFB threshold voltage TPS562210 and
TA = 0°C to 85°C, VO = 1.05 V
(1)
753
777
mV
TPS563210
TA = -40°C to 85°C, VO = 1.05 V
(1)
751
779
IVFB
VFB input current
VFB = 0.8V, TA = 25°C
0
±0.1
µA
MOSFET
TA = 25°C, VBST – SW = 5.5 V, TPS562210
133
RDS(on)h
High side switch resistance
m
Ω
TA = 25°C, VBST – SW = 5.5 V, TPS563210
68
TA = 25°C, TPS562210
80
RDS(on)l
Low side switch resistance
m
Ω
TA = 25°C, TPS563210
39
CURRENT LIMIT
DC current, VOUT = 1.05V , L1 = 2.2 µH,
2.5
3.2
4.3
TPS562210
Iocl
Current limit(1)
A
DC current, VOUT = 1.05V , L1 = 1.5 µH,
3.5
4.2
5.3
TPS563210
THERMAL SHUTDOWN
Shutdown temperature
155
TSDN
Thermal shutdown threshold(1)
°C
Hysteresis
35
SOFT START
SS charge current
Vss = 0.5 V
4.2
6
7.8
µs
Iss
SS discharge current
Vss = 0.5 V, EN = L
0.75
1.3
mA
POWER GOOD
VFB rising (Good)
85%
90%
95%
VTHPG
PG threshold
VFB falling (Fault)
85%
IPG
PG sink current
PG = 0.5 V
0.5
1
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
125%x
VOVP
Output OVP threshold
OVP Detect
Vfbth
65%x
VUVP
Output UVP threshold
Hiccup detect
Vfbth
THiccupOn
Hiccup Power On Time
Relative to soft start time
1
cycle
THiccupOff
Hiccup Power Off Time
Relative to soft start time
7
cycles
UVLO
Wake up VIN voltage
3.45
3.75
4.05
UVLO
UVLO threshold
V
Hysteresis VIN voltage
0.13
0.32
0.55
(1)
Not production tested.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS562210 TPS563210


Número de pieza similar - TPS563210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS563210A TI1-TPS563210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210ADDFR TI1-TPS563210ADDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210ADDFT TI1-TPS563210ADDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210DDFR TI1-TPS563210DDFR Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210DDFT TI1-TPS563210DDFT Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

Descripción similar - TPS563210_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com