Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UA78L12ACPKG3 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
UA78L12ACPKG3 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 27 page 20 k Ω INPUT OUTPUT COMMON NOTE: Resistor values shown are nominal. 1 k to 14 k Ω Ω 1.4 k Ω μA78L00 SLVS010U – JANUARY 1976 – REVISED MAY 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. Schematic 2 Submit Documentation Feedback Copyright © 1976–2011, Texas Instruments Incorporated Product Folder Links :μA78L00 |
Número de pieza similar - UA78L12ACPKG3 |
|
Descripción similar - UA78L12ACPKG3 |