Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSO-016T Datasheet(PDF) 1 Page - Crystek Corporation |
|
CSO-016T Datasheet(HTML) 1 Page - Crystek Corporation |
|
1 / 1 page 1.544 MHz to 100.00 MHz ±25ppm to ±100ppm 0°C to 70°C -20°C to 70°C -40°C to 85°C -45°C to 120°C 5V ±0.5V 45mA Max HCMOS/TTL 40/60% Max @ 50% Vdd 45/55% Max @ 50% Vdd 10ns Max @ 20/% to 80% Vdd "0" = 10% Vdd Max "1" = 90% Vdd Min 15pF/10 TTL Max <3ppm 1 st/yr, 1ppm every year thereafter Frequency Range: Frequency Stability: Temperature Range: Operating: (Option M) (Option X) Storage: Input Voltage: Input Current: Output: Symmetry: (Option Y) Rise/Fall Time: Logic: Load: Aging: TD-021002 Rev. K 5×7 mm SMD, 5.0V, HCMOS/TTL CSO-016T Model All dimensions are Max unless otherwise specified. Dimensions inches (mm) 12730 Commonwealth Drive • Fort Myers, Florida 33913 Phone: 239-561-3311 • 800-237-3061 Fax: 239-561-1025 • www.crystek.com CRYSTEK CORPORATION Designed to meet today's requirements for economical 5V applications. Available on 16mm tape and reel in quantities of 1K. RECOMMENDED REFLOW SOLDERING PROFILE 217°C 200°C 260°C 150°C 90 Secs. Max. Ramp-Up 3°C/Sec Max. Preheat 180 Secs. Max. 8 Minutes Max. 260°C for 10 Secs. Max. Critical Temperature Zone Ramp-Down 6°C/Sec. NOTE: Reflow Profile with 240°C peak also acceptable. Specifications subject to change without notice. PWR Supply mA M VM OSC. pin 1 pin 4 pin 2 pin 3 Bypass Cap. O/P Load incl Probe Cl OUT High Impedance GND or "LOW" Oscillation OPEN or "HIGH" GND OUT Vdd E/D TEST CIRCUIT SUGGESTED PAD LAYOUT 0.071 SQ (1.80) 0.165 (4.19) 0.200 (5.08) 0.01uF Bypass Capacitor Recommended 0.071 (1.80) 0.045 ±0.008 (1.14 ±0.20) 0.055 Typ. (1.40 Typ.) 0.200 ±0.005 (5.08 ±0.13) #1 #3 #2 #4 Denotes pad 1 XXXX=Date Code XX=Lot Code 0.283 (7.20) 0.204 (5.02) P/N Frequency XXXX XX CSO-016T X Y - 25 - 49.152 Crystek Part Number Guide #1 Crystek Clock Osc. #2 Model #3 Temp. Range: Blank = 0/70°C, M= -20/70°C, X= -40/85°C #4 Symmetry: Blank = (40/60), Y = (45/55) #5 Stability: (see Table 1) #6 Frequency in MHz: 3 or 6 decimal places #1 #2 #3 #6 Example: CSO-016TXY-25-25.000 = 5V Tristate, -40/85°C, 45/55, 25ppm, 25.000 MHz CSO-016T-50-19.660800 = 5V Tristate, 0/70, 40/60, 50ppm, 19.660800 MHz #4 Blank (std) ±100ppm 50 ± 50ppm 25 ± 25ppm Stability Indicator Table 1 Function pin 1 Output pin Active Active High Z Tristate Function Open "1" level 2.4V Min "0" level 0.4V Max #5 |
Número de pieza similar - CSO-016T_15 |
|
Descripción similar - CSO-016T_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |