Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F6AC8ALU-EJ-H Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LC87F6AC8ALU-EJ-H
Descripción Electrónicos  CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F6AC8ALU-EJ-H Datasheet(HTML) 4 Page - ON Semiconductor

  LC87F6AC8ALU-EJ-H Datasheet HTML 1Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 2Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 3Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 4Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 5Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 6Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 7Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 8Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LC87F6AC8A
No.A0145-4/34
Interrupts: 27 sources, 10 vector addresses (LC876A00 compatible)
26 sources, 10 vector addresses (LC876B00 compatible)
<1> Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt request of
the level equal to or lower than the current interrupt is not accepted.
<2> When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address is given priority.
* LC876A00 series compatible configuration
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2 / T0L / INT4
4
0001BH
H or L
INT3 / base timer / INT5
5
00023H
H or L
T0H / INT6
6
0002BH
H or L
T1L / T1H / INT7
7
00033H
H or L
SIO0 / T8L / T8H
8
0003BH
H or L
SIO1
9
00043H
H or L
ADC / MIC / T6 / T7 / PWM4 / PWM5
10
0004BH
H or L
VFD / port 0 / T4 / T5
* LC876B00 series compatible configuration
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2 / T0L / INT4
4
0001BH
H or L
INT3 / base timer / INT5
5
00023H
H or L
T0H / INT6
6
0002BH
H or L
T1L / T1H / INT7
7
00033H
H or L
SIO0 / T8L / T8H
8
0003BH
H or L
SIO1 / SIO2
9
00043H
H or L
ADC / MIC / T6 / T7
10
0004BH
H or L
VFD / port 0 / T4 / T5
• Priority levels X > H > L
• When interrupts of the same level occur at the same time, the interrupt with the smallest vector address is given
priority.
Subroutine stack levels: Up to 2048 levels (The stack is allocated in RAM.)
High-speed multiplication division instructions
• 16 bits × 8 bits (5 tCYC execution time)
• 24 bits × 16 bits (12 tCYC execution time)
• 16 bits ÷ 8 bits (8 tCYC execution time)
• 24 bits ÷ 16 bits (12 tCYC execution time)
Oscillator circuits
• RC oscillator circuit (internal)
: For system clock
• CF oscillator circuit
: For system clock with internal Rf
• Crystal oscillator circuit
: For low-speed system clock with external Rd and Rf
• Multifrequency oscillator circuit (internal)
: For system clock


Número de pieza similar - LC87F6AC8ALU-EJ-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Descripción similar - LC87F6AC8ALU-EJ-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com