Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSTLS4M19G56-A0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No. de pieza CSTLS4M19G56-A0
Descripción Electrónicos  cost-effective and reliable availability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS4M19G56-A0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTLS4M19G56-A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLS4M19G56-A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS4M19G56-A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSTLS4M19G56-A0
Specifications
Shape
Lead
Frequency
4.194MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
-0.4/+0.2%
Frequency Aging
±0.2%
Wash
Not avairable
Resonant Impedance
30Ω
Built-in Load Capacitance
47pF
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/02


Número de pieza similar - CSTLS4M19G56-A0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
CSTLS4M19G56-A0 MURATA1-CSTLS4M19G56-A0 Datasheet
339Kb / 15P
   Specification of Piezoelectric Ceramic Resonator
March 23, 2017
CSTLS4M19G56-A0 MURATA1-CSTLS4M19G56-A0_V01 Datasheet
339Kb / 15P
   Specification of Piezoelectric Ceramic Resonator
March 23, 2017
More results

Descripción similar - CSTLS4M19G56-A0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS3M84G53-A0 MURATA-CSTLS3M84G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
CSTLS4M09G56-B0 MURATA-CSTLS4M09G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS6M00G53Z-B0 MURATA-CSTLS6M00G53Z-B0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
CSTLS16M0X54-B0 MURATA-CSTLS16M0X54-B0 Datasheet
191Kb / 3P
   cost-effective and reliable availability
CSTLS18M0X51-B0 MURATA-CSTLS18M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com