Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1419S-TD-E Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2SA1419S-TD-E
Descripción Electrónicos  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1419S-TD-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SA1419S-TD-E Datasheet HTML 1Page - ON Semiconductor 2SA1419S-TD-E Datasheet HTML 2Page - ON Semiconductor 2SA1419S-TD-E Datasheet HTML 3Page - ON Semiconductor 2SA1419S-TD-E Datasheet HTML 4Page - ON Semiconductor 2SA1419S-TD-E Datasheet HTML 5Page - ON Semiconductor 2SA1419S-TD-E Datasheet HTML 6Page - ON Semiconductor 2SA1419S-TD-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1419 / 2SC3649
No.2007-3/7
IC -- VCE
IC -- VCE
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
ITR03571
0--2
--1
--4
--3
--5
2
14
35
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
0
--0.2
--0.6
--0.4
--0.8
--1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.6
0.4
0.8
1.0
0
ITR03572
10
20
30
40
50
0
ITR03574
ITR03573
--40
--30
--50
--10
--20
0
--40mA
--60mA
--80mA
--20mA
--10mA
--5mA
--2mA
--1mA
IB=0mA
2SA1419
2SC3649
2SC3649
IB=0mA
IB=0mA
2SA1419
20mA
50mA
30mA
40mA
10mA
5mA
2mA
1mA
--2.5mA
--2.0mA
--3.0mA
--3.5mA
--5.0mA
--4.0mA
--4.5mA
--1.5mA
--1.0mA
--0.5mA
IB=0mA
0.5mA
2.5mA
3.5mA
4.0mA
2.0mA
3.0mA
1.5mA
1.0mA
ITR03578
ITR03577
ITR03575
--5 --7
--5 --7
--3
--2
--5 --7
--3
--2
--3
--2
--0.01
--0.1
--1.0
--0.4
0
--0.8
--1.6
--1.2
0.4
0
0.8
1.6
1.2
10
100
1000
5
7
3
2
5
7
3
2
57
73
2
0.01
0.1
57
3
23
2
1.0
10
100
1000
5
7
3
2
5
7
3
2
--0.6
--0.8
0
--0.4
--0.2
--1.0
--1.2
0.6
0.8
0
0.4
0.2
1.0
1.2
ITR03576
2SA1419
VCE=--5V
2SC3649
VCE=5V
2SA1419
VCE=--5V
2SC3649
VCE=5V
--25
°C
25
°C
Ta=75°C
--25
°C
25
°C
Ta=75°C


Número de pieza similar - 2SA1419S-TD-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SA1419S-TD-E ONSEMI-2SA1419S-TD-E Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
More results

Descripción similar - 2SA1419S-TD-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com