Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7105 Datasheet(PDF) 9 Page - Microsemi Corporation

No. de pieza IRF7105
Descripción Electrónicos  EVALUATION KIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IRF7105 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button IRF7105 Datasheet HTML 5Page - Microsemi Corporation IRF7105 Datasheet HTML 6Page - Microsemi Corporation IRF7105 Datasheet HTML 7Page - Microsemi Corporation IRF7105 Datasheet HTML 8Page - Microsemi Corporation IRF7105 Datasheet HTML 9Page - Microsemi Corporation IRF7105 Datasheet HTML 10Page - Microsemi Corporation IRF7105 Datasheet HTML 11Page - Microsemi Corporation IRF7105 Datasheet HTML 12Page - Microsemi Corporation IRF7105 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 1.1, 2000-12-01
APPLICATION INFORMATION
 !  &' ( 
LX1710 Filter Implementation, 1-stage vs. 2- stage
0.001
100
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
0.55626
0.12572
50m
30
100m
200m
500m
1
2
5
10
2025.04
1.15
Watts(W)
2-Stage
1-Stage
FILTER DESIGN TRADEOFFS (1-STAGE VS. 2-STAGE)
A 1-stage or 2-stage filter may be used depending on
your application and performance targets. The main
tradeoff
in
this
selection
is
price
(number
of
components,
component
costs,
PCB
area)
vs.
performance.
The primary advantage of the single
stage filter is lower cost whereas the main benefit to a
2-stage filter is that it will provide steeper attenuation.
This allows the corner frequency to be selected further
outside of the audio band (to minimize the effects of
impedance variations in the passband) and still
provide adequate RF attenuation.
Single Stage Filter Advantages
Low Cost: The 1-stage LC filter uses one half
the number of inductors/capacitors resulting in
a substantial cost savings over a 2-stage
design.
Key parameters such as THD+N,
frequency response, and nose performance
do not change significantly.
Power Loss: Since current will flow in two
inductors and not four, the inductor power loss
will be less in the single stage design.
The
overall amplifier will have a wider dynamic
range and improved efficiency.
Filter Design: This easy-to-design filter can
limit audio signal changes within +/- 3dB
across
the
audio
band
with
impedance
vari
"  )  *+ ,!  
a
steeper
rolloff
with
the
2-stage
filter,
impedance changes could result in a +/- 6dB
change.
THD: There are minimal differences between
the 1-stage and 2-stage implementations with
other parameters such as THD+N as seen in
the above graph.
Single Stage Filter Disadvantages
EMI and Switching Frequency: For the 1-
stage, the switching frequency must be higher
than 400kHz to ensure the corner frequency
will provide adequate amplifier performance in
the high end of the audio frequency range. If
fS < 400kHz, then fC < fS /10 = 40kHz which is
too close to the desired audio band. A higher
oscillation
frequency
could
translate
into
greater MOSFET switching losses, slightly
lower efficiency, and increased EMI effects.
With a 2-stage 4th order filter, the switching
frequency fS can be reduced to 120kHz. If fS =
120kHz, then fC = fS /3 = 40kHz. The lower
oscillation frequency could help minimize EMI
issues.
LC FILTER DESIGN
The output filter helps to reconstruct the amplified
audio signal and filter out the switching frequency.
The design of the filter depends on the type of
attenuation and frequency response desired at the
output.
The output filter designed into the LXE1710


Número de pieza similar - IRF7105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7105 IRF-IRF7105 Datasheet
271Kb / 10P
   HEXFET POWER MOSFET
IRF7105PBF IRF-IRF7105PBF Datasheet
302Kb / 10P
   HEXFET짰 Power MOSFET
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   Advanced Process Technology
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
IRF7105PBF-1 IRF-IRF7105PBF-1 Datasheet
615Kb / 10P
   Industry-standard pinout SO-8 Package
More results

Descripción similar - IRF7105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com