Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC823430TA-2H Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza LC823430TA-2H
Descripción Electrónicos  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823430TA-2H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC823430TA-2H Datasheet HTML 5Page - ON Semiconductor LC823430TA-2H Datasheet HTML 6Page - ON Semiconductor LC823430TA-2H Datasheet HTML 7Page - ON Semiconductor LC823430TA-2H Datasheet HTML 8Page - ON Semiconductor LC823430TA-2H Datasheet HTML 9Page - ON Semiconductor LC823430TA-2H Datasheet HTML 10Page - ON Semiconductor LC823430TA-2H Datasheet HTML 11Page - ON Semiconductor LC823430TA-2H Datasheet HTML 12Page - ON Semiconductor LC823430TA-2H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LC823430TA
No.A2171-9/20
Continued from preceding page.
TQFP128L
Pin No.
Name
Direction
Attribute
91
COM6
O
3A
92
COM7
O
3A
93
HPDET/SDI1/SCL/P1A
I/I/O/B
3ISUD/3T2
94
HPMUTE/SDO1/SDA/P1B
O/O/B/B
3ISUD/3T2
95
JTDO/P1C
O/B
3ICUD/3T2
96
JTDI/P1D
I/B
3ICUD/3T2
97
JTMS/P1E
I/B
3ICUD/3T2
98
JTCK/P1F
I/B
3ICUD/3T2
99
VDD1
P
100
VDD2
P
SFMODE
(Internal Signal)
I
3IS
101
VSS
P
102
TXD/SCL/P12
O/O/B
3ISUD/3T2
103
RXD/SDA/P13
I/B/B
3ISUD/3T2
104
SCK0/P07
B/B
3ISUD/3T4
105
SDO0/P08
O/B
3ISUD/3T4
106
SDI0/P09
I/B
3ISUD/3T2
107
MCLK0/DMCKO/SCK1/P0B
B/O/B/B
3ISUD/3T2
108
DIN0/DMDIN/P0F
I/I/B
3ISUD/3T2
109
DOUT0/P0E/NCS
O/B/O
3ISUD/3T2
110
BCK0/P0C
B/B
3ISUD/3T2
111
LRCK0/P0D
O/B
3ISUD/3T2
112
VDET
I
1IC
113
RTCINT
O
OD3
114
BACKUPB
I
1IS
115
XOUT32K
O
X
116
XIN32K
I
X
117
VDDRTC
P
RTCMODE
(Internal Signal)
I
1IS
118
VSSRTC
P
119
AVDDPLL1
P
120
VCNT1
O
1A
121
VSS
P
122
AVDDPLL2
P
123
VCNT2
O
3A
124
AVSSPLL2
P
125
HPOUTR
O
3A
126
HPOUTL
O
3A
127
SPOUTP
O
3A
128
SPOUTN
O
3A


Número de pieza similar - LC823430TA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823433TAK-2H ONSEMI-LC823433TAK-2H Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results

Descripción similar - LC823430TA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com