Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F1K64AUWA-2H Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LC87F1K64AUWA-2H
Descripción Electrónicos  8-bit Microcontroller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1K64AUWA-2H Datasheet(HTML) 5 Page - ON Semiconductor

  LC87F1K64AUWA-2H Datasheet HTML 1Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 2Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 3Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 4Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 5Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LC87F1K64A
No.A2197-5/35
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillators do not stop automatically.
2) There are three ways of releasing HOLD mode.
(1) Setting the reset pin to a low level.
(2) Generating a reset signal by watchdog timer or low-voltage detection
(3) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and operation of the peripheral circuits.
1) The PLL, CF, RC and crystal oscillators automatically stop operation.
Note: Low-speed RC oscillator is controlled directly by the watchdog timer and its oscillation in standby mode
is also controlled.
2) There are five ways of releasing HOLD mode.
(1) Setting the reset pin to a low level
(2) Generating a reset signal by the watchdog timer or low-voltage detection
(3) Establishing an interrupt source at one of INT0, INT1, INT2, INT4, and INT5 pins
* INT0 and INT1 HOLD mode release is available only when level detection is configured.
(4) Establishing an interrupt source at port 0
(5) Establishing an bus active interrupt source in the USB host control circuit
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer
and infrared remote control receiver circuit.
1) The PLL, CF and RC oscillators automatically stop operation.
Note: Low-speed RC oscillator is controlled directly by the watchdog timer and its oscillation in standby mode
is also controlled.
Note: The low-speed RC oscillator retains the state that is established on entry into X'tal HOLD mode if the base
timer is running with the low-speed RC oscillator selected as the base timer input clock source.
2) The state of crystal oscillator established when the X'tal HOLD mode is entered is retained.
3) There are seven ways of releasing X'tal HOLD mode.
(1) Setting the reset pin to a low level
(2) Generating a reset signal by the watchdog timer or low-voltage detection
(3) Establishing an interrupt source at one of INT0, INT1, INT2, INT4, and INT5 pins
* INT0 and INT1 X'tal HOLD mode release is available only when level detection is configured.
(4) Establishing an interrupt source at port 0
(5) Establishing an interrupt source in the base timer circuit
(6) Establishing an interrupt source in the infrared remote control receiver circuit
(7) Establishing an bus active interrupt source in the USB host control circuit
Development Tools
• On-chip debugger: TCB87–Type B + LC87F1K64A or
TCB87–Type C (3-wire communication cable) + LC87F1K64A
Flash ROM Programming Board
Package
Programming Board
SQFP48 (7×7)
W87F55256SQ


Número de pieza similar - LC87F1K64AUWA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
More results

Descripción similar - LC87F1K64AUWA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com