Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL072-EP Datasheet(PDF) 4 Page - Texas Instruments |
|
TL072-EP Datasheet(HTML) 4 Page - Texas Instruments |
4 / 20 page TL072-EP, TL074-EP SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012 www.ti.com ELECTRICAL CHARACTERISTICS VCC± = ±15 V (unless otherwise noted) TL072 TL074 PARAMETER TEST CONDITIONS(1) TA (2) UNIT MIN TYP MAX MIN TYP MAX 25°C 3 6 3 6 VIO Input offset voltage VO = 0, RS = 50 Ω mV Full range 8 8 Temperature coefficient αVIO VO = 0, RS = 50 Ω Full range 18 18 μV/°C of input offset voltage 25°C 5 100 5 100 pA IIO Input offset current VO = 0 125°C 2 2 nA 25°C 65 200 65 200 pA IIB Input bias current VO = 0 125°C 20 20 nA Common-mode input VICR 25°C ±11 –12 to 15 ±11 –12 to 15 V voltage range RL = 10 kΩ 25°C ±12 ±13.5 ±12 ±13.5 Maximum peak output VOM RL ≥ 10 kΩ ±12 ±12 V voltage swing Full range RL ≥ 2 kΩ ±10 ±10 25°C 35 200 35 200 Large-signal differential AVD VO = ±10 V, RL ≥ 2 kΩ V/mV voltage amplification Full range 15 15 B1 Unity-gain bandwidth 25°C 3 3 MHz ri Input resistance 25°C Ω 1012 1012 Common-mode VIC = VICRmin, CMRR 25°C 80 86 80 86 dB rejection ratio VO = 0, RS = 50 Ω Supply-voltage rejection VCC = ±9 V to ±15 V, kSVR 25°C 80 86 80 86 dB ratio ( ΔVCC±/ΔVIO) VO = 0, RS = 50 Ω Supply current (each 1.4 1.4 ICC VO = 0, No load 25°C 2.5 2.5 mA amplifier) VO1/VO2 Crosstalk attenuation AVD = 100 25°C 120 120 dB (1) Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 3. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible. (2) All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is TA = –40°C to 125°C for TL07xQ and TA = -55°C to 125°C for TL07xM. OPERATING CHARACTERISTICS VCC± = ±15 V, TA= 25°C TL072 TL074 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX Slew rate at unity VI = 10 V, RL = 2 kΩ, SR 8 13 8 13 V/ μs gain CL = 100 pF, See Figure 1 0.1 0.1 μs Rise-time overshoot VI = 20 V, RL = 2 kΩ, tr factor CL = 100 pF, See Figure 1 20 20 % f = 1 kHz 18 18 nV/ √Hz Equivalent input noise Vn RS = 20 Ω voltage f = 10 Hz to 10 kHz 4 4 μV Equivalent input noise In RS = 20 Ω, f = 1 kHz 0.01 0.01 pA/ √Hz current VIrms = 6 V, Total harmonic AVD = 1, THD RL ≥ 2 kΩ, 0.003 0.003 % distortion RS ≤ 1 kΩ, f = 1 kHz, 4 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated Product Folder Links: TL072-EP TL074-EP |
Número de pieza similar - TL072-EP_15 |
|
Descripción similar - TL072-EP_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |