Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F7NC8A Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC87F7NC8A
Descripción Electrónicos  8-bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F7NC8A Datasheet(HTML) 3 Page - ON Semiconductor

  LC87F7NC8A Datasheet HTML 1Page - ON Semiconductor LC87F7NC8A Datasheet HTML 2Page - ON Semiconductor LC87F7NC8A Datasheet HTML 3Page - ON Semiconductor LC87F7NC8A Datasheet HTML 4Page - ON Semiconductor LC87F7NC8A Datasheet HTML 5Page - ON Semiconductor LC87F7NC8A Datasheet HTML 6Page - ON Semiconductor LC87F7NC8A Datasheet HTML 7Page - ON Semiconductor LC87F7NC8A Datasheet HTML 8Page - ON Semiconductor LC87F7NC8A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LC87F7NC8A
www.onsemi.com
3
 High-speed Clock Counter
1) Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz).
2) Can generate output real-time.
 Serial Interfaces
SIO0: 8-bit synchronous serial interface
1) LSB first/MSB first made selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle
 4/3tCYC)
3) Automatic continuous data transmission (1 to 256 bits specifiable in 1-bit units, suspension and resumption of
data transmission possible in 1-byte units)
SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
 UART1
Full duplex
7/8/9 bit data bits selectable
1 stop bit (2 bits in continuous data transmission)
Built-in baudrate generator
 UART2
Full duplex
7/8/9 bit data bits selectable
1 stop bit (2 bits in continuous data transmission)
Built-in baudrate generator
 AD Converter :
12 bits  15 channels
 PWM :
Multi frequency 12-bit PWM  2 channels
 Infrared Remote Control Receiver Circuit1
1) Noise reduction function (Time constant of noise reduction filter: approx. 120
s, when selecting a 32.768kHz
crystal oscillator as a reference clock)
2) Supporting reception formats with a guide-pulse of half-clock/clock/none.
3) Determines a end of reception by detecting a no-signal periods (No carrier).
(Supports same reception format with a different bit length.)
4) X’tal HOLD mode cancellation function
 Infrared Remote Control Receiver Circuit2
1) Noise reduction function
(Time constant of noise reduction filter: approx. 120μs, when selecting a 32.768kHz crystal oscillator as a
reference clock.)
2) Supporting reception formats with a guide-pulse of half-clock/clock/none.
3) Determines a end of reception by detecting a no-signal periods (No carrier).
(Supports same reception format with a different bit length.)
4) X’tal HOLD mode cancellation function
 Watchdog Timer
1) External RC watchdog timer
2) Interrupt and reset signals selectable
 Clock Output Function
1) Can output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 as a system clock.
2) Can output the source oscillation clock for the sub clock.


Número de pieza similar - LC87F7NC8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
More results

Descripción similar - LC87F7NC8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com