Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F7NP6A Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza LC87F7NP6A
Descripción Electrónicos  LC87F7NC8AUEJ-2H
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F7NP6A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC87F7NP6A Datasheet HTML 4Page - ON Semiconductor LC87F7NP6A Datasheet HTML 5Page - ON Semiconductor LC87F7NP6A Datasheet HTML 6Page - ON Semiconductor LC87F7NP6A Datasheet HTML 7Page - ON Semiconductor LC87F7NP6A Datasheet HTML 8Page - ON Semiconductor LC87F7NP6A Datasheet HTML 9Page - ON Semiconductor LC87F7NP6A Datasheet HTML 10Page - ON Semiconductor LC87F7NP6A Datasheet HTML 11Page - ON Semiconductor LC87F7NP6A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LC87F7NP6A
www.onsemi.com
8
Package Dimensions
unit : mm
*Package TQFP100(14
14) type is Under Development.
TQFP100 14x14 / TQFP100
CASE 932AY
ISSUE A
XXXXX = Specific Device Code
Y = Year
M = Month
DDD = Additional Traceability Data
GENERIC
MARKING DIAGRAM*
*This information is generic. Please refer to
device data sheet for actual part marking.
may or may not be present.
XXXXXXXX
YMDDD
14.0 0.1
12
0.5
(1.0)
0.10
16.0 0.2
0.2
0.10
0 to 10
0.125
(Unit: mm)
15.40
0.28
0.50
SOLDERING FOOTPRINT*
NOTE: The measurements are not to guarantee but for reference only.
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Número de pieza similar - LC87F7NP6A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87F7NC8A ONSEMI-LC87F7NC8A Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
More results

Descripción similar - LC87F7NP6A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STV2162 STMICROELECTRONICS-STV2162 Datasheet
191Kb / 14P
   2H - VIDEO SCANNING PROCESSOR
logo
TRACO Electronic AG
TES2H TRACOPOWER-TES2H Datasheet
840Kb / 5P
   TES 2H Series, 2 Watt
Rev. November 30, 2022
logo
PHOENIX CONTACT
3270395 PHOENIX-3270395 Datasheet
579Kb / 20P
   Marshalling patchboard - PTMC 1,5/32-2H VDE081519Z
Jun 7, 2022
3270316 PHOENIX-3270316 Datasheet
580Kb / 20P
   Marshalling patchboard - PTMC 1,5/32-2H 19Z
Jun 13, 2022
logo
Sony Corporation
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
PHOENIX CONTACT
1027904 PHOENIX-1027904 Datasheet
486Kb / 9P
   I/O module - AXL F DO16/2 2H
12/24/2021
1027843 PHOENIX-1027843 Datasheet
599Kb / 11P
   Communication module - AXL F IOL8 2H
Dec 7, 2022
3270356 PHOENIX-3270356 Datasheet
641Kb / 22P
   Marshalling patchboard - FTMC 1,5/32-2H 19Z
Jun 10, 2022
1004925 PHOENIX-1004925 Datasheet
489Kb / 11P
   I/O module - AXL F DO32/1 2H
12/24/2021
2702614 PHOENIX-2702614 Datasheet
51Kb / 1P
   Connector set - AXL CNS 4L-O/D/UI 2H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com