Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSAEX8P50A Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza MSAEX8P50A
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE POWER MOSFET/FRED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAEX8P50A Datasheet(HTML) 1 Page - Microsemi Corporation

  MSAEX8P50A Datasheet HTML 1Page - Microsemi Corporation MSAEX8P50A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSAEX8P50A
500 Volts
8 Amps
1.2
Features
• High voltage p-channel power mosfet with parallel fast switching, soft
recovery fred; complements MSAFX24N50A
• Ultrafast body diode
• Rugged polysilicon gate cell structure
• Increased Unclamped Inductive Switching (UIS) capability
• Hermetically sealed, surface mount power package
• Low package inductance
Very low thermal resistance
Reverse polarity available upon request
DESCRIPTION
SYMBOL
MAX.
UNIT
Drain-to-Source Breakdown Voltage (Gate Shorted to Source)
@ TJ
≥ 25°C
BVDSS
500
Volts
Drain-to-Gate Breakdown Voltage @ TJ
≥ 25°C, RGS= 1 MΩ
BVDGR
500
Volts
Continuous Gate-to-Source Voltage
VGS
+/-20
Volts
Transient Gate-to-Source Voltage
VGSM
+/-30
Volts
Continuous Drain Current
Tj= 25
°C
Tj=
100
°C
ID25
ID100
8
5
Amps
Peak Drain Current, pulse width limited by TJmax
IDM
32
Amps
Repetitive Avalanche Current
IAR
8
Amps
Repetitive Avalanche Energy
EAR
30
mJ
Single Pulse Avalanche Energy
EAS
tbd
mJ
Voltage Rate of Change of the Recovery Diode
@ IS
≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS, TJ ≤ 150°C
dv/dt
5.0
V/ns
Power Dissipation
PD
300
Watts
Junction Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Continuous Source Current (Body Diode)
IS
8
Amps
Pulse Source Current (Body Diode)
ISM
32
Amps
Thermal Resistance, Junction to Case
θ
JC
0.35
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0307A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
P-CHANNEL
ENHANCEMENT MODE
POWER MOSFET/FRED
DRAIN
SOURCE
GATE


Número de pieza similar - MSAEX8P50A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
MSAER12N50A MICROSEMI-MSAER12N50A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAER30N20A MICROSEMI-MSAER30N20A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAER38N10A MICROSEMI-MSAER38N10A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAER57N10A MICROSEMI-MSAER57N10A Datasheet
245Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET SCHOTTKY
MSAEZ33N20A MICROSEMI-MSAEZ33N20A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Descripción similar - MSAEX8P50A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com