Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PRF18BE471RS2RB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No. de pieza PRF18BE471RS2RB
Descripción Electrónicos  contactless operation provides noiseless operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RS2RB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PRF18BE471RS2RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BE471RS2RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471RS2RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PRF18BE471RS2RB
Appearance & Shape
Applications
Automotive
Usage
Powertrain/Safety
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
RB
180mm Paper Tape
4000
Features
1. Sensing accuracy +/-
3 deg.C which is highest of PTC Thermistor and the same level as NTC at sensing point.
2. Same resistance -
temperature characteristics as PRF18_QS series. Easy to use higher accurate sensing type.
3. SMD type is helpful for miniaturizing circuits because of its small size and light weight.
4. Excellent thermal response due to small size
5. Solid -
state construction provides excellent mechanical vibration and impact resistance.
6. Contactless operation provides noiseless operation.
7. Lead is not contained in the terminations.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/07


Número de pieza similar - PRF18BE471RS2RB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
PRF18BE471RS2RB MURATA1-PRF18BE471RS2RB Datasheet
466Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BE471RS2RB MURATA1-PRF18BE471RS2RB Datasheet
508Kb / 3P
   PTC Thermistors
02/05/2024
PRF18BE471RS2RB MURATA1-PRF18BE471RS2RB_V01 Datasheet
466Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BE471RS2RB MURATA1-PRF18BE471RS2RB_V02 Datasheet
508Kb / 3P
   PTC Thermistors
02/05/2024
More results

Descripción similar - PRF18BE471RS2RB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
PRF18BE471RB1RB MURATA-PRF18BE471RB1RB Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF18BF471RS5RB MURATA-PRF18BF471RS5RB Datasheet
207Kb / 3P
   contactless operation provides noiseless operation
PRF18BD471RB1RB MURATA-PRF18BD471RB1RB Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF21BC471QB1RA MURATA-PRF21BC471QB1RA Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF18BD471RS2RB MURATA-PRF18BD471RS2RB Datasheet
206Kb / 3P
   contactless operation provides noiseless operation
PRF21AS471QB1RA MURATA-PRF21AS471QB1RA Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF21BB471QB1RA MURATA-PRF21BB471QB1RA Datasheet
196Kb / 3P
   contactless operation provides noiseless operation
PRF21BD471QB1RA MURATA-PRF21BD471QB1RA Datasheet
197Kb / 3P
   contactless operation provides noiseless operation
PRF21BA471QB1RA MURATA-PRF21BA471QB1RA Datasheet
196Kb / 3P
   contactless operation provides noiseless operation
PRF21AR471QB1RA MURATA-PRF21AR471QB1RA Datasheet
196Kb / 3P
   contactless operation provides noiseless operation
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com