Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PRF21BB471QB1RA Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No. de Pieza. PRF21BB471QB1RA
Descripción  contactless operation provides noiseless operation
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo 

PRF21BB471QB1RA Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PRF21BB471QB1RA
Specifications
Max. Voltage
32V
Sensing Temperature
115
Sensing Temperature Tolerance
±5
Measure Condition of Sensing
Temperature
at 4.7k ohm
Resistance
(25
)
470Ω
Resistance Value Tolerance (at
25
)
±50%
Operating Temperature Range
-
20
to
130
Shape
SMD
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/12/07


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn