Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5009AH2S Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc |
|
SM5009AH2S Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc |
11 / 18 page SM5009 series NIPPON PRECISION CIRCUITS—11 Switching Characteristics 5009AH series 3 V operation: VDD = 2.7 to 3.3 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted. 5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted. 5009AK series VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted. P arameter S y m b o l Condition Rating Unit min typ m a x Output rise time tr1 Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD , CL = 15 pF – 6 1 8 ns Output fall time tf1 Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD , CL = 15 pF – 6 1 8 ns Output duty cycle1 1. Deter mined by the lot monitor. Duty Measurement cct 3, load cct 2, Ta = 25 °C, V DD = 3 V, CL = 15 pF 4 5 – 5 5 % Output disable delay time tPLZ Measurement cct 6, load cct 2, Ta = 25 °C, V DD = 3 V, CL ≤ 15 pF – – 100 ns Output enable delay time tPZL – – 100 ns Maxim um operating frequency fmax Measurement cct 3 1 6 – – M H z P arameter S y m b o l Condition Rating Unit min typ m a x Output rise time tr1 Measurement cct 3, load cct 2, 0.1VDD to 0.9VDD , CL = 15 pF – 4 1 2 ns Output fall time tf1 Measurement cct 3, load cct 2, 0.9VDD to 0.1VDD , CL = 15 pF – 4 1 2 ns Output duty cycle1 1. Deter mined by the lot monitor. Duty Measurement cct 3, load cct 2, Ta = 25 °C, V DD = 5 V, CL = 15 pF 4 5 – 5 5 % Output disable delay time tPLZ Measurement cct 6, load cct 2, Ta = 25 °C, V DD = 5 V, CL ≤ 15 pF – – 100 ns Output enable delay time tPZL – – 100 ns Maxim um operating frequency fmax Measurement cct 3 3 0 – – M H z P arameter S y m b o l Condition Rating Unit min typ m a x Output rise time tr Measurement cct 3, load cct 1, 0.4V to 2.4V, CL = 15 pF – 2 6 ns Output fall time tf Measurement cct 3, load cct 1, 2.4V to 0.4V, CL = 15 pF – 2 6 ns Output duty cycle1 1. Deter mined by the lot monitor. Duty Measurement cct 3, load cct 1, Ta = 25 °C, V DD = 5 V, CL = 15 pF 4 5 – 5 5 % Output disable delay time tPLZ Measurement cct 6, load cct 1, Ta = 25 °C, V DD = 5 V, CL ≤ 15 pF – – 100 ns Output enable delay time tPZL – – 100 ns Maxim um operating frequency fmax Measurement cct 3 Ta = –20 to +80 °C40 – – MHz Ta = –40 to +85 °C30 – – |
Número de pieza similar - SM5009AH2S |
|
Descripción similar - SM5009AH2S |