Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC786960E-H Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza LC786960E-H
Descripción Electrónicos  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786960E-H Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC786960E-H Datasheet HTML 4Page - ON Semiconductor LC786960E-H Datasheet HTML 5Page - ON Semiconductor LC786960E-H Datasheet HTML 6Page - ON Semiconductor LC786960E-H Datasheet HTML 7Page - ON Semiconductor LC786960E-H Datasheet HTML 8Page - ON Semiconductor LC786960E-H Datasheet HTML 9Page - ON Semiconductor LC786960E-H Datasheet HTML 10Page - ON Semiconductor LC786960E-H Datasheet HTML 11Page - ON Semiconductor LC786960E-H Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LC786960E
No.A2080-8/24
Pin Description
Pin
No.
Pin name
I/O
State when
"Reset"
Function
1
EFMIN
AI
Input
RF signal input
2
RFOUT
AO
Undefined
RF signal output
3
LPF
AO
Undefined
RF signal DC level detection low-pass filter capacitor connection
4
PHLPF
AO
Undefined
Defect detection low-pass filter capacitor connection
5
AIN
AI
Input
A signal input
6
CIN
AI
Input
C signal input
7
BIN
AI
Input
B signal input
8
DIN
AI
Input
D signal input
9
SLCISET
AI
Input
SLCO output current setting resistor connection
10
RFMON
AO
Undefined
IC internal analog signal monitor
11
VREF
AO
AVDD/2
VREF voltage output
12
JITTC
AO
Undefined
Jitter detection capacitor connection
13
EIN
AI
Input
E signal input
14
FIN
AI
Input
F signal input
15
TE
AO
Undefined
TE signal output
16
TEIN
AI
Input
TE signal input used for TES signal generation
17
LDD
AO
Undefined
Laser power control signal output
18
LDS
AI
Input
Laser power detection signal input
19
AVSS
-
-
Analog system ground. This pin must be connected to the 0V level.
20
AVDD
-
-
Analog system power supply
21
FDO
AO
AVDD/2
Focus control signal output
22
TDO
AO
AVDD/2
Tracking control signal output
23
SLDO
AO
AVDD/2
Sled control signal output
24
SPDO
AO
AVDD/2
Spindle control signal output
25
VVDD1
-
-
EFMPLL power supply
26
PDOUT1
AO
Undefined
EFMPLL charge pump output 1
27
PDOUT0
AO
Undefined
EFMPLL charge pump output 0
28
PCNCNT
AI
Input
EFMPLL charge pump control voltage input
29
PCKIST
AI
Input
EFMPLL charge pump current setting resistor connection pin
30
VVSS1
-
-
EFMPLL ground. This pin must be connected to the 0V level.
31
GP10
I/O
Input (L)
General purpose I/O port with pull down resistor
UART1 data transmit
32
GP11
I/O
Input (L)
General purpose I/O port with pull down resistor
UART1 data receive
33
GP12
I/O
Input (L)
General purpose I/O port with pull down resistor
Clock control input 1
34
GP13
I/O
Input (L)
General purpose I/O port with pull down resistor
Clock control input 2
35
DVDD
-
-
Digital system power supply
36
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
37
GP43
I/O
Input (L)
General purpose I/O port with pull down resistor
38
GP44
I/O
Input (L)
General purpose I/O port with pull down resistor
39
GP45
I/O
Input (L)
General purpose I/O port with pull down resistor
40
DVDD
-
-
Digital system power supply
41
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
42
DVDD15
AO
High
Capacitor connection pin for internal regulator
43
GP50
I/O
Input (L)
General purpose I/O port with pull down resistor
44
GP51
I/O
Input (L)
General purpose I/O port with pull down resistor
45
GP52
I/O
Input (L)
General purpose I/O port with pull down resistor
46
GP53
I/O
Input (L)
General purpose I/O port with pull down resistor
Continued to the next page.


Número de pieza similar - LC786960E-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
More results

Descripción similar - LC786960E-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com