Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMUN5330DW1T1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SMUN5330DW1T1G
Descripción Electrónicos  Complementary Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5330DW1T1G Datasheet(HTML) 2 Page - ON Semiconductor

  SMUN5330DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5330DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5330DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5330DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5330DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5330DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5330DW1T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MUN5330DW1, NSBC113EPDXV6
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
MUN5330DW1 (SOT−363) ONE JUNCTION HEATED
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
187
256
1.5
2.0
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
670
490
°C/W
MUN5330DW1 (SOT−363) BOTH JUNCTION HEATED (Note 3)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
250
385
2.0
3.0
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
(Note 1)
(Note 2)
RqJA
493
325
°C/W
Thermal Resistance,
Junction to Lead (Note 1)
(Note 2)
RqJL
188
208
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
NSBC113EPDXV6 (SOT−563) ONE JUNCTION HEATED
Total Device Dissipation
TA = 25°C
(Note 1)
Derate above 25
°C
(Note 1)
PD
357
2.9
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
(Note 1)
RqJA
350
°C/W
NSBC113EPDXV6 (SOT−563) BOTH JUNCTION HEATED (Note 3)
Total Device Dissipation
TA = 25°C
(Note 1)
Derate above 25
°C
(Note 1)
PD
500
4.0
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
(Note 1)
RqJA
250
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0
× 1.0 Inch Pad.
3. Both junction heated values assume total power is sum of two equally powered channels.


Número de pieza similar - SMUN5330DW1T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMUN5330DW1T1G ONSEMI-SMUN5330DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
More results

Descripción similar - SMUN5330DW1T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com