Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST5-Q-NN Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
ST5-Q-NN Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 11 page Model Number Supply Voltage Control Modes Output Current Communication Ports Encoder Feedback 1pc. 24-80 VDC CANopen 0.1-10.0 A/Phase RS-232, CANopen Yes $682.00 24-80 VDC CANopen 0.1-10.0 A/Phase RS-232, CANopen No $631.00 24-80 VDC Streaming Commands, Analog Positioning, Encoder Following, Q Programming, EtherNet/IP 0.1-10.0 A/Phase Ethernet, EtherNet/IP Yes $710.00 24-80 VDC Streaming Commands, Analog Positioning, Encoder Following, Q Programming, EtherNet/IP 0.1-10.0 A/Phase Ethernet, EtherNet/IP No $659.00 24-80 VDC Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.1-10.0 A/Phase RS-232 No $440.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.1-10.0 A/Phase Ethernet Yes $726.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.1-10.0 A/Phase Ethernet No $660.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, SiNet Hub Compatible, Velocity Control, Modbus 0.1-10.0 A/Phase RS-232 Yes $580.00 24-80 VDC Step & Direction, Streaming Commands, Analog Positioning, Encoder Following, Q Programming, SiNet Hub Compatible, Velocity Control, Modbus 0.1-10.0 A/Phase RS-232 Yes $557.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, SiNet Hub Compatible, Modbus 0.1-10.0 A/Phase RS-232 No $515.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, Modbus 0.1-10.0 A/Phase RS-232, RS-485 Yes $690.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, Modbus 0.1-10.0 A/Phase RS-232, RS-485 No $630.00 24-80 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, SiNet Hub Compatible 0.1-10.0 A/Phase RS-232 No $405.00 24-80 VDC Si Programming 0.1-10.0 A/Phase RS-232 Yes $630.00 24-80 VDC Step & Direction, Streaming Commands, Analog Positioning, Encoder Following, Si Programming, Q Programming, SiNet Hub Compatible, Velocity Control 0.1-10.0 A/Phase RS-232 Yes $636.00 24-80 VDC Si Programming 0.1-10.0 A/Phase RS-232 No $580.00 24-48 VDC CANopen 0.1-5.0 A/Phase RS-232, CANopen Yes $585.00 24-48 VDC CANopen 0.1-5.0 A/Phase RS-232, CANopen No $541.00 24-48 VDC Streaming Commands, Analog Positioning, Encoder Following, Q Programming, EtherNet/IP 0.1-5.0 A/Phase Ethernet, EtherNet/IP Yes $655.00 24-48 VDC Streaming Commands, Analog Positioning, Encoder Following, Q Programming, EtherNet/IP 0.1-5.0 A/Phase Ethernet, EtherNet/IP No $607.00 24-48 VDC Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.1-5.0 A/Phase RS-232 No $346.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.1-5.0 A/Phase Ethernet Yes $614.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.1-5.0 A/Phase Ethernet No $564.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, SiNet Hub Compatible, Modbus 0.1-5.0 A/Phase RS-232 Yes $540.00 Step & Direction, Streaming Commands, Analog Positioning, Encoder Following, Q Products in the Series ST Stepper Drives ST10-C-CE ST10-C-CN ST10-IP-EE ST10-IP-EN ST10-Plus ST10-Q-EE ST10-Q-EN ST10-Q-NE ST10-Q-NF ST10-Q-NN ST10-Q-RE ST10-Q-RN ST10-S ST10-Si-NE ST10-Si-NF ST10-Si-NN ST5-C-CE ST5-C-CN ST5-IP-EE ST5-IP-EN ST5-Plus ST5-Q-EE ST5-Q-EN ST5-Q-NE |
Número de pieza similar - ST5-Q-NN |
|
Descripción similar - ST5-Q-NN |