Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54LP Datasheet(PDF) 2 Page - GOOD-ARK Electronics

No. de pieza BAT54LP
Descripción Electrónicos  DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAT54LP Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BAT54LP_15 Datasheet HTML 1Page - GOOD-ARK Electronics BAT54LP_15 Datasheet HTML 2Page - GOOD-ARK Electronics BAT54LP_15 Datasheet HTML 3Page - GOOD-ARK Electronics BAT54LP_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54LP
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
2 / 4
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage (Note 5)
V(BR)R
IR = 100μA
30
-
-
V
Forward Voltage
VF
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
-
-
240
320
400
500
1000
mV
Reverse Leakage Current (Note 5)
IR
VR = 25V
2.0
uA
Total Capacitance
CT
VR = 1.0V, f = 1.0MHz
10
pF
Reverse Recovery Time
Trr
IF=10mA through IR= 10mA
to IR = 1.0mA, RL = 100Ω
5.0
nS
Notes:
4. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.goodark.com
5. Short duration pulse test used to minimize self-heating effect.


Número de pieza similar - BAT54LP_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT54LP DIODES-BAT54LP_15 Datasheet
389Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAT54LP_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
BAT54LP GOOD-ARK-BAT54LP Datasheet
389Kb / 4P
   DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
RB521LP-30 GOOD-ARK-RB521LP-30 Datasheet
572Kb / 3P
   DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
RB520LP-30 GOOD-ARK-RB520LP-30 Datasheet
582Kb / 3P
   DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
RB751LP-40 GOOD-ARK-RB751LP-40 Datasheet
611Kb / 3P
   DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
BAS40LP GOOD-ARK-BAS40LP_15 Datasheet
373Kb / 4P
   DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
BAS40LP GOOD-ARK-BAS40LP Datasheet
373Kb / 4P
   DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
GA0603B1040 GOOD-ARK-GA0603B1040 Datasheet
474Kb / 3P
   DFN 1.6X0.8-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Rectron Semiconductor
B581XWS RECTRON-B581XWS Datasheet
270Kb / 5P
   Plastic-Encapsulate Schottky Barrier Diode
B5817WS RECTRON-B5817WS Datasheet
364Kb / 5P
   Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
logo
Jinan Jingheng (Group) ...
BAT54WS JINANJINGHENG-BAT54WS Datasheet
261Kb / 2P
   SOD-323 Plastic-Encapsulate Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com