Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT871-25ULGT3 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT871-25ULGT3
Descripción Electrónicos  Dual Input Reset Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT871-25ULGT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT871-25ULGT3 Datasheet HTML 1Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 2Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 3Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 4Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 5Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 6Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 7Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 8Page - ON Semiconductor CAT871-25ULGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 0
1
Publication Order Number:
CAT871/D
CAT871, CAT872
Dual Input Reset Generator
Description
CAT871, CAT872 are dual input reset generators designed to restart
microprocessor and microcontroller based systems when the
watchdog timer or other resetting mechanisms have become disabled
or failed.
CAT871, CAT872 monitor two inputs and output an active low reset
pulse after both inputs have been active (logic low) for a factory preset
minimum time. The reset pulse width is 2.2 ms for CAT871 and 70 ms
for CAT872. Releasing either input from its active state before the
minimum timeout period resets the internal timer and both inputs must
return to being active before the timer will restart with a fresh count
down.
CAT871, CAT872’s open drain output is capable of sinking up to
3 mA of current and may be wire−OR’d with other open drain devices
to drive a common reset input.
Features
Operate on 1.65 V to 5.5 V Power Supplies
Ultra Low Quiescent Current: 10 nA (typical)
Schmitt Trigger Inputs
8 Factory Preset Delay Times from 0.5 s to 5 s to Choose From
Small mLLGA−6 Package: 1.45 x 1.0 x 0.4 mm
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Mobile Phones
PDAs
MP3 Players
Personal Navigation Devices
Figure 1. Application Schematic
http://onsemi.com
PIN CONNECTIONS
ULLGA−6
UL SUFFIX
CASE 613AF
MARKING DIAGRAM
(Top View)
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
VDD
RESET
GND
MR1
MR2
NIC
1
X = Specific Device Code
X = (J = CAT871, K = CAT872)
M = Date Code
XM


Número de pieza similar - CAT871-25ULGT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT8710 ONSEMI-CAT8710 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710FTD-GT3 ONSEMI-CAT8710FTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710JTD-GT3 ONSEMI-CAT8710JTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710LTD-GT3 ONSEMI-CAT8710LTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710NTD-GT3 ONSEMI-CAT8710NTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
More results

Descripción similar - CAT871-25ULGT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
   Dual-Input Push Button Reset IC
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
VCT2001A CTS-VCT2001A Datasheet
145Kb / 5P
   HCMOS Output-Dual Input Clock Generator
logo
Analog Devices
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549 Datasheet
942Kb / 78P
   Dual Input Network Clock Generator/Synchronizer
Rev. PrA
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
logo
NXP Semiconductors
PCF1252-X PHILIPS-PCF1252-X Datasheet
107Kb / 16P
   Threshold detector and reset generator
1998 Apr 16
logo
Analog Devices
AD9547 AD-AD9547 Datasheet
1Mb / 104P
   Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com