Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC898201RA-NH Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza LC898201RA-NH
Descripción Electrónicos  Iris/Zoom/Focus/ Day-Night switching Drive Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898201RA-NH Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC898201RA-NH Datasheet HTML 4Page - ON Semiconductor LC898201RA-NH Datasheet HTML 5Page - ON Semiconductor LC898201RA-NH Datasheet HTML 6Page - ON Semiconductor LC898201RA-NH Datasheet HTML 7Page - ON Semiconductor LC898201RA-NH Datasheet HTML 8Page - ON Semiconductor LC898201RA-NH Datasheet HTML 9Page - ON Semiconductor LC898201RA-NH Datasheet HTML 10Page - ON Semiconductor LC898201RA-NH Datasheet HTML 11Page - ON Semiconductor LC898201RA-NH Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LC898201
No.A2319-8/16
Pin Description
TYPE
I
INPUT
P
Power, GND
NC
NOT CONNECT
O
OUTPUT
B(I)
BIDIRECTION : INPUT at reset
B(O)
BIDIRECTION : OUTPUT at reset
■ SPI interface (Slave)
SSB
I
Chip select
SCLK
I
Clock
MOSI
I
Received data
MISO
B(O)
Transmit data
BUSY/MON
B(O)
Transfer busy / Monitor output
■ PI sensor drive signal output
PIS1/MON
B(O)
PI sensor drive signal output 1 / Monitor output
PIS2/MON
B(O)
PI sensor drive signal output 2 / Monitor output
■ Video synchronizing signal input
VSYNC1/MON
B(I)
Video synchronizing signal input / Monitor output
(with pull-down resistance)
VSYNC2/MON
/SHUTTER
B(I)
Video synchronizing signal input / Monitor output / Shutter input
(with pull-down resistance)
■ Monitor output
MON
B(O)
Monitor output
■ Clock output
XTALCK
I
Oscillation amplifier input : 27MHz
XTAL
O
Oscillation amplifier output
CLKO1/MON
B(O)
Clock output 1 / Monitor output
CLKO2/MON
B(O)
Clock output 2 / Monitor output
■ Reset
ZRESET
I
Reset signal input(Low active)
■ Bias current pin
BIASO6
O
CH6 Bias current output
■ OP Amp pin
OPINM1
I
CH1 OP Amp input(-) with ATT
OPINM3
I
CH3 OP Amp input(-) with ATT
OPINP6
I
CH6 OP Amp input (+)
OPINM6
I
CH6 OP Amp input (-)
OPINP7A
I
CH7-A OP Amp input (+)
OPINM7A
I
CH7-A OP Amp input (-)
OPINP7B
I
CH7-B OP Amp input (+)
OPINM7B
I
CH7-B OP Amp input (-)
■ A/D input pin
ADIN1
B
CH1 A/D input (CH1 OP Amp output)
ADIN6
B
CH6 A/D input (CH6 OP Amp output)
ADIN7A
B
CH7-A A/D input (CH7 OP Amp output)
ADIN7B
B
CH7-B A/D input (CH7 OP Amp output)
ADPIIN1
I
CH1/2 PI sensor signal A/D input
ADPIIN2
I
CH3/4 PI sensor signal A/D input
ADVRH
I
A/D conversion range standard voltage
ADVRL
I
A/D conversion range standard voltage


Número de pieza similar - LC898201RA-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
logo
ON Semiconductor
LC898212XA ONSEMI-LC898212XA Datasheet
58Kb / 5P
   AF Control LSI
June, 2013
LC898212XC ONSEMI-LC898212XC Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XC-MH ONSEMI-LC898212XC-MH Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XD ONSEMI-LC898212XD Datasheet
168Kb / 4P
   AF Controller
November, 2013
More results

Descripción similar - LC898201RA-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Level One
FCS-5044 LVL1-FCS-5044 Datasheet
152Kb / 4P
   PTZ Network Camera, 2-Megapixel, 10x Optical Zoom, 802.3at PoE, Day & Night, WDR, Outdoor
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Moxa Inc.
06EC-2V MOXA-06EC-2V Datasheet
658Kb / 6P
   EN 50155, 1080p resolution, day & night outdoor IP cameras
logo
List of Unclassifed Man...
AXISP33 ETC2-AXISP33 Datasheet
750Kb / 4P
   Fixed domes for any environment with remote focus and zoom.
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
   5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
logo
ON Semiconductor
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com