Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST10-Q-NE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza ST10-Q-NE
Descripción Electrónicos  DC Advanced Microstep Drive w/ Q Programming & Encoder Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ST10-Q-NE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST10-Q-NE Datasheet HTML 1Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 2Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 3Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 4Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 5Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 6Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 7Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 8Page - List of Unclassifed Manufacturers ST10-Q-NE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The ST10-Q-NE stepper drive is a DC-powered microstepping drive for controlling two-phase, bipolar step motors.
It offers advanced current control and a sophisticated 3rd generation anti-resonance algorithm that electronically
dampens motor and system resonances to improve motor smoothness and usable torque over a wide speed
range. The drive also employs electronic torque ripple smoothing and microstep emulation to greatly reduce motor
noise and vibration. The drive must be powered from 24-80 VDC and can output up to 10.0 A/phase (peak-of-
sine) to the step motor. Over-voltage, over-temperature and over-current protection features prevent damage while
running in adverse conditions. The drive is complemented by a specifically matched set of NEMA 23 and NEMA 34
frame stepper motors (see Related and Recommended products below).
The ST10-Q-NE can operate in all of the same control modes as the S model (pulse & direction, velocity,
streaming commands, SiNet Hub operation), plus it has the ability to run stand-alone Q programs stored in non-
volatile memory. Q programs are created using the Q Programmer™ software, which provides multi-tasking, math
functions, conditional processing, data register manipulation, and more features in a robust yet simple text-based
programming language. The drive is setup and configured using Applied Motion’s ST Configurator™ software.
Preconfigured motor setup files included with ST Configurator™ make it easy to set up the drive for optimum
results.
For connecting to external devices such as control signals, incremental encoders, limit switches, proximity or
photoelectric sensors, PLC I/O, lamps, and other devices, the drive comes with 8 digital inputs, 4 digital outputs,
and 2 single-ended analog inputs (analog inputs can be wired together as 1 differential analog input). Adjustable
digital filters are present on the digital inputs for enhanced reliability in noisy environments.
The drive comes with an RS-232 port for configuration, serial communications and programming.
The ST10-Q-NE comes with an encoder feedback connector for applications that demand a higher level of position
control than ordinary open-loop step motor systems can provide. Use our double-shaft step motors with
incremental encoders and activate either Stall Detection or Stall Prevention in the drive. Stall Detection notifies the
system as soon as the required torque is too great for the motor, which results in a loss of synchronization
between the rotor and stator, also known as stalling. Stall Prevention automatically adjusts motor speed to
maintain synchronization of the rotor to the stator under all conditions. This unique feature allows step motors to
operate in a much broader range of applications than previously possible, such as torque-control. The Stall
Prevention feature also performs static position maintenance, which maintains the position of the motor shaft when
at rest. Additionally, the inclusion of the optional encoder allows the motor to be precisely homed to the index
(marker) pulse.
All ST drives are CE approved and RoHS compliant.
Description


Número de pieza similar - ST10-Q-NE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ST10-Q-NF ETC2-ST10-Q-NF Datasheet
919Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input/Output
ST10-Q-NN ETC2-ST10-Q-NN Datasheet
969Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming
More results

Descripción similar - ST10-Q-NE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ST5-Q-NE ETC2-ST5-Q-NE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST10-Q-RE ETC2-ST10-Q-RE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-RE ETC2-ST5-Q-RE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST10-Q-NF ETC2-ST10-Q-NF Datasheet
919Kb / 9P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input/Output
ST5-Q-NF ETC2-ST5-Q-NF Datasheet
591Kb / 8P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input/Output
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q-220 ETC2-STAC6-Q-220 Datasheet
355Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-QE ETC2-STAC6-QE Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com