Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SG117A Datasheet(PDF) 6 Page - Microsemi Corporation

No. de Pieza. SG117A
Descripción  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo 

SG117A Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATION INFORMATION
GENERAL
The SG117A develops a 1.25V reference voltage between the
output and the adjustable terminal (see Figure 1). By placing a
resistor, R
1 between these two terminals, a constant current is
caused to flow through R
1 and down through R2 to set the overall
output voltage, Normally this current is the specified minimum
load current of 5mA or 10mA.
FIGURE 17 - BASIC REGULATOR CIRCUIT
Because I
ADJ is very small and constant when compared with the
current through R
1, it represents a small error and can usually be
ignored.
It is easily seen from the above equation, that even if the resistors
were of exact value, the accuracy of the output is limited by the
accuracy of V
REF.
Earlier adjustable regulators had a reference
tolerance of ±4%. This tolerance is dangerously close to the ±5%
supply tolerance required in many logic and analog systems.
Further, many 1% resistors can drift 0.01%°C adding another 1%
to the output voltage tolerance.
For example, using 2% resistors and ±4% tolerance for VREF,
calculations will show that the expected range of a 5V regulator
design would be 4.66V
≤ V
OUT ≤ 5.36V or approximately ±7%. If
the same example were used for a 15V regulator, the expected
tolerance would be ±8%. With these results most applications
require some method of trimming, usually a trim pot. This solution
is expensive and not conducive to volume production.
One of the enhancements of Silicon General’s adjustable regu-
lators over existing devices is tightened initial tolerance. This
allows relatively inexpensive 1% or 2% film resistors to be used
for R
1 and R2 while setting output voltage within an acceptable
tolerance range.
With a guaranteed 1% reference, a 5V power supply design,
using ±2% resistors, would have a worse case manufacturing
tolerance of ±4%. If 1% resistors were used, the tolerance would
drop to ±2.5%. A plot of the worst case output voltage tolerance
as a function of resistor tolerance is shown on the front page.
1.00
1.47
2.15
3.16
4.64
6.81
1.02
1.50
2.21
3.24
4.75
6.98
1.05
1.54
2.26
3.32
4.87
7.15
1.07
1.58
2.32
3.40
4.99
7.32
1.10
1.62
2.37
3.48
5.11
7.50
1.13
1.65
2.43
3.57
5.23
7.68
1.15
1.69
2.49
3.65
5.36
7.87
1.18
1.74
2.55
3.74
5.49
8.06
1.21
1.78
2.61
3.83
5.62
8.25
1.24
1.82
2.67
3.92
5.76
8.45
1.27
1.87
2.74
4.02
5.90
8.66
1.30
1.91
2.80
4.12
6.04
8.87
1.33
1.96
2.87
4.22
6.19
9.09
1.37
2.00
2.94
4.32
6.34
9.31
1.40
2.05
3.01
4.42
6.49
9.53
1.43
2.10
3.09
4.53
6.65
9.76
Table of ½% and 1% Standard Resistance Values
Standard Resistance Values are obtained from the Decade
Table by multiplying by multiples of 10. As an example:1.21
can represent 1.21
Ω, 12.1Ω, 121Ω, 1.21KΩ etc.
FIGURE 18 - CONNECTIONS FOR BEST LOAD REGULATION
FIGURE 19 - 1.2V-25V ADJUSTABLE REGULATOR
For convenience, a table of standard 1% resistor values is shown
below.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn