Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STAC5-Q-N220 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
STAC5-Q-N220 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 7 page Model Number: STAC5-Q-N220 Part Number: 5000-201 Supply Voltage: 94-265 VAC Supply Voltage Type: AC Control Modes: Streaming Commands Analog Positioning Encoder Following Q Programming Output Current: 0.5-2.55 A/phase Communication Ports: Ethernet Encoder Feedback: No Step Resolution: Full Half Microstepping Microstep Emulation Idle Current Reduction: 0-90% Setup Method: Software setup Digital Inputs: 12 Digital Outputs: 6 Analog Inputs: 1 Dimensions: 5.5 x 4.5 x 2.0 inches Weight: 22.4 oz Operating Temperature Range: 0-70 °C Ambient Temperature Range: 0-40 °C Ambient Humidity: 90% max, non-condensing Status LEDs: 1 red, 1 green Circuit Protection: Short circuit Over-voltage Under-voltage Over-temp Specifications |
Número de pieza similar - STAC5-Q-N220 |
|
Descripción similar - STAC5-Q-N220 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |