Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC89057W-VF4A-E Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LC89057W-VF4A-E
Descripción Electrónicos  Digital Audio Interface Transceiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC89057W-VF4A-E Datasheet(HTML) 5 Page - ON Semiconductor

  LC89057W-VF4A-E Datasheet HTML 1Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 2Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 3Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 4Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 5Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 6Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 7Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 8Page - ON Semiconductor LC89057W-VF4A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
LC89057W-VF4A-E
No.7202-5/59
6. Block Diagram
7. Comparison between LC89057W-VF4 and LC89057W-VF4A
Table 7.1 Difference between LC89057W-VF4 and LC89057W-VF4A
Item
LC89057W-VF4
LC89057W-VF4A
DIR function: External synchronization mode
256fs clock input
256fs or 512fs clock input
DIR function: Setting of RERR wait time after PLL
is locked
After preamble B is counted 6.
After preamble B is counted 12.
After preamble B is counted 24.
After preamble B is counted 48.
After preamble B is counted 3.
After preamble B is counted 6.
After preamble B is counted 12.
After preamble B is counted 24.
DIR function: Setting of clock wait time after PLL is
unlocked
50
μs from when oscillation amplifier starts
100
μs from when oscillation amplifier starts
200
μs from when oscillation amplifier starts
400
μs from when oscillation amplifier starts
0
μs from when oscillation amplifier starts
50
μs from when oscillation amplifier starts
100
μs from when oscillation amplifier starts
200
μs from when oscillation amplifier starts
DIR function: Channel status bit output
Microcontroller read out
Microcontroller read out or terminal output
(full decode processing possible)
DIR function: Preamble B info output
×
DIT function: System clock
256fs clock input
256fs or 128fs clock input
DIT function: Preamble B info output
×
32
33
35
48
39
38
41
Cbit, Ubit
Microcontroller
I/F
37
EMPHA/UO/CO
AUDIO/VO
INT
CL
CE
CI
XMODE
Demodulation
&
Lock detect
Data
Selector
21
36
DO
RERR
RDATA
PLL
Clock
Selector
Input
Selector
2
3
4
5
8
9
10
13
Modulation
or
Parallel Port
RX0
RX1
RX2
RX3
RX4
RX5/VI
RX6/UI
LPF
44
TMCK/PIO0
45
TBCK/PIO1
46
TLRCK/PIO2
47
TDATA/PIO3
48
TXO/PIOEN
24
SDIN
16
RMCK
17
RBCK
20
RLRCK
22
SBCK
23
SLRCK
1/N
27
1
RXOUT
29
28
34
XIN
XOUT
XMCK
CKST/PB


Número de pieza similar - LC89057W-VF4A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results

Descripción similar - LC89057W-VF4A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX)
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com