Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA72912V Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LA72912V
Descripción Electrónicos  8-bit Withstand Voltage Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72912V Datasheet(HTML) 4 Page - ON Semiconductor

  LA72912V Datasheet HTML 1Page - ON Semiconductor LA72912V Datasheet HTML 2Page - ON Semiconductor LA72912V Datasheet HTML 3Page - ON Semiconductor LA72912V Datasheet HTML 4Page - ON Semiconductor LA72912V Datasheet HTML 5Page - ON Semiconductor LA72912V Datasheet HTML 6Page - ON Semiconductor LA72912V Datasheet HTML 7Page - ON Semiconductor LA72912V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA72912V
No.A1409-4/12
ASK Block T17=0.4V
Ratings
Parameter
Symbol
In
OUT
Conditions
min
typ
max
Unit
Current dissipation at
standby
ICCS
T17
At standby mode, measures include current to
pin2,9. T17 = 0.4V, T15 and T20:open
10.8
13.0
15.5
mA
Current dissipation at
standby at
MOD-AGC-OFF
ICCSb
T17
T15
At standby mode, measures include current to
pin2,9. T17 = 0.4V, T15 = 5V, T20:open
12.8
16.0
19.2
mA
Current dissipation at
standby at
DEMOD-AGC-OFF
ICCSc
T17
T15
T20
At standby mode, measures include current to
pin2,9. T17 = 0.4V, T15 = 5V, T20 = 5V
16.8
21.0
25.2
mA
Standby release time(1)
(FM stop
→release)
SASK1
T6
T17
T3
T6 = 2.0VDC T17 = 0V
→2V (Standby release)
Time until FM carrier is output to T3.
0.0
6.0
12.0
μs
Standby release time(2)
(Video signal stop
→release)
SASK2
T6
T5A
T17
T3
T6 = 0.4V, T5 = DEV = 2.0MHz 100% white video
signal of FM signal. T17 = 0V
→ 2V (Standby
release)
Time until white 100% signal is output to T3
2.0
7.0
12.0
μs
ASK Transmitting time
“transmission”
TASK1
T10A
T11
T12
T10A = 1MHz,0/2V Pulse T11 = 20KHz,
0/2VPulse. Measure T12 signal appear time
0.1
ms
ASK Transmitting time
“Receive”
TASK2
T16A T13
T16 = 1MHz, 300mVp-p-SIN wave
Measure time T13 appear detected T16 signal
0.1
ms
ASK transmission
setup time
WASK
T10A
T11
T12
T10A = 1MHz, 0-2V-pulse T11 = 20KHz,0-2V-pulse
Measure T11 input interval time when T10A input
10
100
ms
ASK minimum detect
level
VASK
T16A T13
Measure T16 minimum level at T13 is normally
condition
0.2
3
Vp-p
ASK start up time
OASK
T16A T13
Measure time ASK working from Power-ON
-
30
300
ms
ASK demodulation
duty ratio
DASK
T16A T13
T16 = T12 output signal (0-2Vp-p)
Measure ASK Duty difference with 50%
DASK = (pulse width
μs / 50μs) - 50% × 100%
-15
-2
11
%


Número de pieza similar - LA72912V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
More results

Descripción similar - LA72912V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   ESD Protection Diodes
March, 2015 - Rev. P0
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com