Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ5369B Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza SMBJ5369B
Descripción Electrónicos  5 Watt Surface Mount Silicon Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ5369B Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJ5369B Datasheet HTML 1Page - Microsemi Corporation SMBJ5369B Datasheet HTML 2Page - Microsemi Corporation SMBJ5369B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8700 E. Thomas Road
Scottsdale, AZ 85252
Tel: (480) 941-6300
Fax: (480) 947-1503
SMBG5333B thru SMBG5388B
and
SMBJ5333B thru SMBJ5388B
Features
Low profile package for surface mounting (flat handling
surface for accurate placement)
Zener Voltage 3.3V to 200V
High Surge Current Capability
For available tolerances – see note 1
Available on Tape and Reel (see EIA std RS-481)
Mechanical Data
Standard JEDEC outlines as shown
Terminals gull-wing or c-bend (modified J-bend) tin-lead plated
and solderable per MIL-STD-750, method 2026
Polarity is indicated by cathode band
Maximum temperature for soldering: 260
o
C for 10 seconds.
Maximum Ratings @ 25
oC Unless Otherwise Specified
Forward Voltage at 1.0A
Current
VF
1.2 Volts
Steady State Power
Dissipation
P(AV)
5 Watts
See note 2
Operating and Storage
Temperatures
TJ, TSTG
-65
oC to
+ 150
oC
Thermal Resistance
RθJL
25
oC/W
5 Watt
Surface Mount
Silicon
Zener Diodes
Notes
1.
Mounted on copper pads as shown below.
2.
Lead temperature at 25
oC = T
L at mounting plane. Derate
linearly above 25
oC to zero power at 150 oC
Datasheet# MSC0302A
Date: 06/26/97
Gull Wing
0.150
Modified J-Bend
0.089
0.085
Pad Layout


Número de pieza similar - SMBJ5369B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMBJ5369B MCC-SMBJ5369B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5369B TGS-SMBJ5369B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5369B SYNSEMI-SMBJ5369B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5369B MCC-SMBJ5369B Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
Diotech Company.
SMBJ5369B DIOTECH-SMBJ5369B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
More results

Descripción similar - SMBJ5369B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com