Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMCJ6065 Datasheet(PDF) 4 Page - Microsemi Corporation

No. de pieza SMCJ6065
Descripción Electrónicos  5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCJ6065 Datasheet(HTML) 4 Page - Microsemi Corporation

  SMCJ6065 Datasheet HTML 1Page - Microsemi Corporation SMCJ6065 Datasheet HTML 2Page - Microsemi Corporation SMCJ6065 Datasheet HTML 3Page - Microsemi Corporation SMCJ6065 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MSC1364.PDF 01/06/00
SMCG/J6036
thru
SMCG/J6072A
TRANSIENT VOLTAGE SUPPRESSORS
TRANSIENT VOLTAGE SUPPRESSORS
100%
0
75
100
T - Temperature - º C
FIGURE 3
Derating Curve
50
50
25
150
200
0
t - Time - msec
Figure 2
Pulse Waveform
10000
5000
2000
1000
500
200
100
50
20
10
5.0
10
20
50
100
200
VBR Breakdown Voltage - Volts
Figure 4
TYPICAL CAPACITANCE
VS BREAKDOWN VOLTAGE
Test Wave Form
Parameters
t
r
= 10 µsec
t
p
= 1000 µsec
100
0
50
1
2
3
10 X 1000 Wave Form
as Defined by R.E.A
t
r
Peak Value IPP
Half Value IPP
2
VR = 0
VR = Rated
Stand-Off Voltage


Número de pieza similar - SMCJ6065

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMCJ6065 ETC2-SMCJ6065 Datasheet
328Kb / 4P
   Transient Voltage Suppressor
SMCJ6065A ETC2-SMCJ6065A Datasheet
328Kb / 4P
   Transient Voltage Suppressor
More results

Descripción similar - SMCJ6065

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
SA50 MICROSEMI-SA50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Central Semiconductor C...
1.5CE6.8A CENTRAL-1.5CE6.8A_11 Datasheet
336Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
15KE68 MCC-15KE68 Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Central Semiconductor C...
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com