Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMS16 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

No. de pieza LMS16
Descripción Electrónicos  Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LMS16 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LMS16_15 Datasheet HTML 1Page - GOOD-ARK Electronics LMS16_15 Datasheet HTML 2Page - GOOD-ARK Electronics LMS16_15 Datasheet HTML 3Page - GOOD-ARK Electronics LMS16_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LMS16
Low Profile Surface Mount Schottky Bridge Rectifiers
Reverse Voltage 60V Output Current 1A
www.goodark.com
2/4
2015.03-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 1.Output Rectifier Current Derating Curve
Figure 3. Typical Instantaneous Forward 
Ch
t i ti
Figure 4. Typical Reverse Characteristics 
Characteristics 
www.goodark.com
2/4
2015.03-Rev.A


Número de pieza similar - LMS16_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
LMS100-10000 SICK-LMS100-10000 Datasheet
962Kb / 6P
   2D LASER SCANNERS
LMS101-10000 SICK-LMS101-10000 Datasheet
993Kb / 6P
   2D LASER SCANNERS
LMS102-10000 SICK-LMS102-10000 Datasheet
948Kb / 6P
   2D LASER SCANNERS
LMS111-10100 SICK-LMS111-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS111-10100S09 SICK-LMS111-10100S09 Datasheet
1Mb / 6P
   2D LASER SCANNERS
More results

Descripción similar - LMS16_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
LMS1B GOOD-ARK-LMS1B_15 Datasheet
187Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 100V Output Current 1A
LMS26 GOOD-ARK-LMS26_15 Datasheet
199Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 2A
LMS36 GOOD-ARK-LMS36_15 Datasheet
193Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 3A
LMS12 GOOD-ARK-LMS12_15 Datasheet
199Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 1A
LMS220 GOOD-ARK-LMS220_15 Datasheet
196Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 200V Output Current 2A
LMS34 GOOD-ARK-LMS34_15 Datasheet
268Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 40V Output Current 3A
LMS22 GOOD-ARK-LMS22_15 Datasheet
194Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 2A
FSL16 GOOD-ARK-FSL16_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 1A
SGP0140SL GOOD-ARK-SGP0140SL_15 Datasheet
201Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~60V Forward Current 1A
SGP0140SD GOOD-ARK-SGP0140SD_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~60V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com