Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT9557 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAT9557
Descripción Electrónicos  8-Bit I2C-Bus and SMBus I/O Port
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9557 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT9557 Datasheet HTML 1Page - ON Semiconductor CAT9557 Datasheet HTML 2Page - ON Semiconductor CAT9557 Datasheet HTML 3Page - ON Semiconductor CAT9557 Datasheet HTML 4Page - ON Semiconductor CAT9557 Datasheet HTML 5Page - ON Semiconductor CAT9557 Datasheet HTML 6Page - ON Semiconductor CAT9557 Datasheet HTML 7Page - ON Semiconductor CAT9557 Datasheet HTML 8Page - ON Semiconductor CAT9557 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CAT9557
http://onsemi.com
5
Table 3. RELIABILITY CHARACTERISTICS
Parameter
Symbol
Reference Test Method
Min
Units
ESD Susceptibility
VZAP (Note 2)
JEDEC Standard JESD 22
2000
V
Latch−up
ILTH (Notes 2, 3)
JEDEC Standard 17
100
mA
2. This parameter is tested initially and after a design or process change that affects the parameter.
3. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VDD +1 V.
Table 4. D.C. OPERATING CHARACTERISTICS
(VDD = 2.3 V to 5.5 V; VSS =0 V; TA = -40°C to +85 °C; unless otherwise specified.)
Rating
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLIES
Supply voltage
VDD
2.3
5.5
V
Supply current
IDD
Operating mode; VDD = 5.5 V; no load;
fSCL = 100 kHz
19
25
mA
LOW−level standby current
IstbL
Standby mode; VDD = 5.5 V;
no load; VI = VSS; fSCL = 0 kHz;
I/O = inputs
0.25
3
mA
HIGH−level standby current
IstbH
Standby mode; VDD = 5.5 V;
no load; VI = VDD; fSCL = 0 kHz;
I/O = inputs
0.25
1
mA
Additional standby current
DIstb
Standby mode; VDD = 5.5 V; every LED
I/O at VI = 4.3 V; fSCL = 0 kHz
0.8
1
mA
Power−on reset voltage (Note 4)
VPOR
No load; VI = VDD or VSS
1.65
2.1
V
INPUT SCL, RESET; INPUT/OUTPUT SDA
LOW−level input voltage
VIL
−0.5
+0.3VDD
V
HIGH−level input voltage
VIH
0.7VDD
VDD
V
LOW−level output current
IOL
VOL = 0.4 V; VDD = 2.3 V
3
mA
Leakage current
IL
VI = VDD or VSS
−1
+1
mA
Input capacitance (Note 5)
Ci
VI = VSS
6
10
pF
I/Os
LOW−level input voltage
VIL
−0.5
+0.8
V
HIGH−level input voltage
VIH
2.0
5.5
V
LOW−level output current (Note 6)
IOL
VOL = 0.5 V, VDD = 2.3 V
8
10
mA
HIGH−level output current (Note 7)
IOH
Except pin IO0; VOH = 2.4 V; VDD = 3 V
−4
mA
Pin IO0; VOH = 4.6 V
1
mA
Input leakage current
ILI
VDD = 5.5 V; VI = VSS
−100
mA
Input capacitance (Note 5)
Ci
5
pF
Output capacitance (Note 5)
Co
5
pF
SELECT INPUTS A0, A1, A2
LOW−level input voltage
VILA
−0.5
+0.8
V
HIGH−level input voltage
VIHA
2.0
5.5
V
Input leakage current
ILIA
−1
+1
mA
4. VDD must be lowered to 0.2 V in order to reset part.
5. This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
6. The total amount sunk by all I/Os must be limited to 100 mA and 25 mA per bit.
7. The total current sourced by all I/Os must be limited to 85 mA and 20 mA per bit.


Número de pieza similar - CAT9557

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT9552 CATALYST-CAT9552 Datasheet
867Kb / 28P
   Catalyst Semiconductor
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552HT6I-G ONSEMI-CAT9552HT6I-G Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552HT6I-GT2 ONSEMI-CAT9552HT6I-GT2 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552HV6I-G ONSEMI-CAT9552HV6I-G Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results

Descripción similar - CAT9557

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
   8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E_17 Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus and SMBus
March, 2017 ??Rev. 3
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com