Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5847 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

No. de pieza SM5847
Descripción Electrónicos  High-fidelity Digital Audio, Multi-function Digital Filter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5847 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—8
Serial input timing (
BCKI, LRCI, DI/INF2N, IW1N/DIL, IW2N/DIR)
VSS = VSSAC = 0 V, Ta = −40 to 85 °C
1. CKSLN = HIGH (192fs), V DD = V DDAC = 4.75 to 5.25 V, Ta = −40 to 70 °C
2. CKSLN = LOW (256fs), V DD = V DDAC = 4.50 to 5.25 V
CKSLN = HIGH (192fs), V DD = V DDAC = 3.00 to 4.75 V
3. CKSLN = LOW (256fs), V DD = V DDAC = 3.00 to 4.50 V
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
BCKI pulse cycle
tIBCY
Note 1
5 5
ns
Note 2
8 0
Note 3
1 0 0
BCKI HIGH-level pulsewidth
tBCWH
Note 1
2 5
ns
Note 2
3 5
Note 3
4 5
BCKI LOW -level pulsewidth
tBCWL
Note 1
2 5
ns
Note 2
3 5
Note 3
4 5
DI, DIL, DIR setup time
tDS
Note 1
1 0
ns
Note 2
2 0
Note 3
3 0
DI, DIL, DIR hold time
tDH
Note 1
1 0
ns
Note 2
2 0
Note 3
3 0
Last BCKI rising edge to LRCI edge
tBL
Note 1
1 0
ns
Note 2
2 0
Note 3
3 0
LRCI edge to first BCKI rising edge
tLB
Note 1
1 0
ns
Note 2
2 0
Note 3
3 0
LRCI
1.5V
BCKI
tIBCY
tBCWH
tBCWL
tDS
tDH
tBL
tLB
DI
DIL
DIR
1.5V
1.5V


Número de pieza similar - SM5847

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
More results

Descripción similar - SM5847

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com