Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMM0207 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SMM0207
Descripción Electrónicos  Thin Film MELF Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0207 Datasheet(HTML) 5 Page - Vishay Siliconix

  SMM0207_15 Datasheet HTML 1Page - Vishay Siliconix SMM0207_15 Datasheet HTML 2Page - Vishay Siliconix SMM0207_15 Datasheet HTML 3Page - Vishay Siliconix SMM0207_15 Datasheet HTML 4Page - Vishay Siliconix SMM0207_15 Datasheet HTML 5Page - Vishay Siliconix SMM0207_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 20005
40
Revision: 28-Jun-11
SMM0207
Vishay Draloric
Thin Film MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
TEST
CONDITIONS OF TEST
REQUIREMENTS PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
STABILITY
CLASS 0.5
STABILITY
CLASS 1
STABILITY
CLASS 2
10
 to 1 M
1
 to 10 
< 1
> 1 M
Endurance test at 70 °C
IEC 60115-1, 4.25.1
U =
 U
max.;
1.5 h “on”, 0.5 h “off”
at 70 °C, 1000 h
± (0.25 %
R + 0.05
)± (0.5 % R + 0.05 )
at 70 °C, 8000 h
± (0.5 %
R + 0.05
)± (1.0 % R + 0.05 )
Endurance at UCT
IEC 60115-1, 4.25.3
at 125 °C, 1000 h
± (0.25 %
R + 0.05
)± (0.5 % R + 0.05 )
Damp heat steady state
40 °C/93 % RH
IEC 60115-1, 4.24 and
IEC 60068-2-78
56 days;
U = 0.1 x
;
Umax. = 20 V
± (0.25 %
R + 0.05
)
± (0.5 %
R + 0.05
)
Damp heat steady state
accelerated 85 °C/85 % RH
1000 h;
U = 0.3 x
;
Umax. = 40 V
± (1.0 %
R + 0.05
)± (2.0 % R + 0.05 )
Rapid change of temperature;
1000 cycles
IEC 60115-1, 4.19 and
IEC 60068-2-14
30 min at LCT;
30 min at UCT;
LCT = - 55 °C;
UCT = 125 °C
± (0.25 %
R + 0.05
)
Overload test
IEC 60115-1, 4.13
U = 2.5 x
 2 x U
max.;
5 s
± (0.05 % + 0.01
/R)± (0.1 % R + 0.05 )
Electrostatic discharge (HBM)
IEC 60340-3-1
3 positive + 3 negative
discharges 4 kV
± (0.5 %
R + 0.05
)
Resistance to soldering heat
IEC 60115-1, 4.18.2 and
IEC 60068-2-58
Solder bath method
(260 ± 5) °C;
10 s
± (0.05 %
R + 0.01
)
± (0.1 %
R + 0.05
)
APPLICABLE SPECIFICATIONS
• EN 60115-1
Generic specification
• EN 140400
Sectional specification
• EN 140401-803
Detail specification
• IEC 60068-2-x
Variety of environmental test procedures
• IEC 60286-3
Packaging of SMD components
Resistance Value in
Ω
10
100
1K
10K
100K
1M
10M
60
100
Non-Linearity
70
80
90
110
120
Resistance Value in
Ω
100
1K
10K
100K
1M
10M
0.01
1
Current Noise
0.05
0.1
0.5
5
10
P
70 x R
P
70 x R
P
70 x R
P
70 x R


Número de pieza similar - SMM0207_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
More results

Descripción similar - SMM0207_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
logo
Vishay Siliconix
SMM0102 VISHAY-SMM0102_11 Datasheet
180Kb / 5P
   Thin Film Micro-MELF Resistors
Revision: 16-Aug-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
MMA02040C4993FB300 VISHAY-MMA02040C4993FB300 Datasheet
197Kb / 13P
   Professional Thin Film MELF Resistors
Revision: 15-May-13
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com