Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1838M Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LB1838M
Descripción Electrónicos  Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1838M Datasheet(HTML) 4 Page - ON Semiconductor

  LB1838M Datasheet HTML 1Page - ON Semiconductor LB1838M Datasheet HTML 2Page - ON Semiconductor LB1838M Datasheet HTML 3Page - ON Semiconductor LB1838M Datasheet HTML 4Page - ON Semiconductor LB1838M Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1838M
No.3949-4/5
VO(sat) -- IO
IIN -- VIN
VO(sat) -- Ta
IS -- VS
ICC -- VCC
1.0
0.8
0.6
0.4
0.2
0
200
160
120
80
40
0
0.6
0.5
0.3
0.2
0.1
0
0.4
20
16
12
8
4
0
10
8
6
4
2
0
0
100
200
300
400
500
600
0123456789
10
-40
-20
0
20
40
60
140
120
100
80
01
2
3
7
6
5
48
12
11
10
9
01
2
3
7
6
5
48
12
11
10
9
ENA
IN1(ENA
= 3V)
IO=
400mA
IO= 200mA
VCC = VS = 3V
VCC = VS = IN = 3V
VO(sat) = total
VCC = VIN = 3V
For 1channel
VCC = VIN = 3V
For 1channel
Output current, IO -- mA
Input voltage, VIN -- V
Ambient temperature, Ta --
°C
Supply voltage, VS -- V
Supply voltage, VCC -- V
Reverse
Forward


Número de pieza similar - LB1838M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M Datasheet
67Kb / 4P
   Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Descripción similar - LB1838M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763 FUJITSU-MB3763 Datasheet
89Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641_08 Datasheet
85Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
   Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com