Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC823450 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LC823450
Descripción Electrónicos  Low Power & High-Resolution Audio Processing System LSI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 2Page - ON Semiconductor LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor LC823450 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
LC823450
www.onsemi.com
6
1-4
Block Diagram
1-4-1
Top
External
Memory
Controller
APB
Bridge
ARM Cortex-
M3
SWD/SWV
ICE
DMAC
(8ch)
Plain
Timer
(1ch×3)
SPI
(1ch)
10bit ADC
(6ch)
SD I/F
(3ch)
OSC
XT1
RC
USB2.0
32.768kHz
Audio PLL
PORT0~4
(80 I/O)
PORT5
(10 I/O)
Main
Module
Manager
Reset
Controller
BUF
(512/512 byte×3)
USB2.0
Device
PHY
1MHz~
50MHz
MP3
Encode
r
PCM
I/F
Audio Buffer
(64 Kbyte)
EXT1
EXT3
BUF
(4.5 Kbyte)
XT1
XT1
XTRTC
MP3
Decoder
I2C
(2ch)
ATM
UART
(3ch)
BCK0/1
MCLK0/1
(PCM I/F)
ROM
(256k byte)
SDRAM
CTRL
Multiple
Timer
(2ch×4)
MS PB
MS I/F
ISOLATED-A
ISOLATED-B
ISOLATED-D
ARM Cortex-
M3
LPDSP32
JTAG
ICE
Multilayer Bus
RTC
ISOLATED
XTRTC
S-Flash I/F
(1ch)
ROM
(220k byte)
SRAM
(120k byte)
BASIC
EXT4
Cache
(16 Kbyte)
ISOLATED-G
SRAM
(512k byte)
SRAM
(512k byte)
SRAM
(512k byte)
ISOLATED-C
ISOLATED-I
USB2.0
Host
ISOLATED-E
ISOLATED-H
PCM
I/F
BEEP
VOLUME
SSRC
MUTE
EXT2
not used
intentionally
System
PLL
XTRTC
OSC
XT1
XTRTC AHB CLK
(HCLK)
Class-D
AMP
16bit
Audio
DAC
Digital
Mic
METER
EQ3
ASRC
ISOLATED-F
not used
intentionally


Número de pieza similar - LC823450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450RAH-2H ONSEMI-LC823450RAH-2H Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450RAH.2H ONSEMI-LC823450RAH.2H Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450TA-2H ONSEMI-LC823450TA-2H Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450XATBG ONSEMI-LC823450XATBG Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
More results

Descripción similar - LC823450

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
   Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
   AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com