Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS391 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza TS391
Descripción Electrónicos  Low Power Single Voltage Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TS391 Datasheet(HTML) 3 Page - ON Semiconductor

  TS391 Datasheet HTML 1Page - ON Semiconductor TS391 Datasheet HTML 2Page - ON Semiconductor TS391 Datasheet HTML 3Page - ON Semiconductor TS391 Datasheet HTML 4Page - ON Semiconductor TS391 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS391, NCV391
www.onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (Vs=+5.0 V, At TA = +25°C)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
Vo = 1.4 V, RS =
0
W, VS = 5 V to
30 V
VCM = 0 to VCC −1.5 V
1
5
mV
VCM = 0 to VCC −2 V
9
mV
Input Bias Current
IIB
25
250
nA
400
nA
Input Offset Current
IOS
5
50
nA
150
nA
Input Common Mode
Range (Note 3)
VICR
0
VCC – 1.5
V
0
VCC – 2
V
Differential Input Voltage
(Note 4)
VID
VCC
V
OUTPUT CHARACTERISTICS
Output Voltage Low
VOL
VID = 1 V, IO = 4 mA
250
400
mV
700
mV
Output Sink Current
IO
VID = −1, VO = 1.5 V
6
16
mA
Output Leakage Current
IOH
VID = 1 V, VCC = VO = 5 V
0.1
nA
VID = 1 V, VCC = VO = 30 V
1
mA
DYNAMIC PERFORMANCE
Open Loop Voltage Gain
AVOL
VCC = 15 V, RPU = 15 kW
94
106
dB
Propagation Delay L−H
tPLH
5 mV overdrive, RPU = 5.1 kW
850
ns
20 mV overdrive, RPU = 5.1 kW
490
ns
100 mV overdrive, RPU = 5.1 kW
300
ns
TTL Input, Vref = +1.4 V,
RPU = 5.1 kW
220
ns
Propagation Delay H−L
tPHL
5 mV overdrive, RPU = 5.1 kW
620
ns
20 mV overdrive, RPU = 5.1 kW
400
ns
100 mV overdrive, RPU = 5.1 kW
250
ns
TTL Input, Vref = +1.4 V,
RPU = 5.1 kW
350
ns
POWER SUPPLY
Quiescent Current
ICC
VCC = 5 V
0.5
mA
VCC = 30 V
0.5
1.25
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. The input common mode voltage of either input signal should not be allowed to go negative by more than 0.3 V. The upper end of the common
mode voltage range is VCC – 1.5 V, but either or both inputs can go to +30 V without damage.
4. Positive excursions of the input voltage may exceed the power supply level. As long as the other voltage remains within the common mode
range, the comparator will provide a proper output stage. The low input voltage state must not be less than 0.3 V below the negative supply
rail.


Número de pieza similar - TS391

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
44Kb / 5P
   LOWPOWER SINGLE VOLTAGE COMPARATORS
TS391 STMICROELECTRONICS-TS391 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Descripción similar - TS391

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
   Low-power single voltage comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
logo
Unisonic Technologies
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com