Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP112-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP112-Q1
Descripción Electrónicos  TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP112-Q1 Datasheet HTML 7Page - Texas Instruments TMP112-Q1 Datasheet HTML 8Page - Texas Instruments TMP112-Q1 Datasheet HTML 9Page - Texas Instruments TMP112-Q1 Datasheet HTML 10Page - Texas Instruments TMP112-Q1 Datasheet HTML 11Page - Texas Instruments TMP112-Q1 Datasheet HTML 12Page - Texas Instruments TMP112-Q1 Datasheet HTML 13Page - Texas Instruments TMP112-Q1 Datasheet HTML 14Page - Texas Instruments TMP112-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TMP112-Q1
www.ti.com
SLOS887D – SEPTEMBER 2014 – REVISED DECEMBER 2015
7.3.2 Serial Interface
The TMP112-Q1 device operates as a slave device only on the I2C, SMBus and two-wire interface-compatible
bus. Connections to the bus are made through the open-drain I/O lines, SDA and SCL. The SDA and SCL pins
feature integrated spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus
noise. The TMP112-Q1 device supports the transmission protocol for both fast (1 kHz to 400 kHz) and high-
speed (1 kHz to 2.85 MHz) modes. All data bytes are transmitted MSB first.
7.3.2.1 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data-line (SDA) from a high-
to low-logic level when the SCL pin is high. All slaves on the bus shift in the slave address byte on the rising
edge of the clock, with the last bit indicating whether a read or write operation is intended. During the ninth clock
pulse, the slave being addressed responds to the master by generating an acknowledge and pulling the SDA pin
low.
A data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During the data
transfer the SDA pin must remain stable when the SCL pin is high, because any change in the SDA pin when the
SCL pin is high is interpreted as a START or STOP signal.
When all data have been transferred, the master generates a STOP condition indicated by pulling the SDA pin
from low to high when the SCL pin is high.
7.3.2.2 Serial Bus Address
To communicate with the TMP112-Q1 device, the master must first address slave devices through a slave-
address byte. The slave-address byte consists of seven address bits and a direction bit indicating the intent of
executing a read or write operation.
The TMP112-Q1 device features an address pin to allow up to four devices to be addressed on a single bus.
Table 4 lists the pin logic levels used to properly connect up to four devices.
Table 4. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
A0 PIN CONNECTION
1001 000
Ground
1001 001
V+
1001 010
SDA
1001 011
SCL
7.3.2.3 Writing and Reading Operation
Accessing a particular register on the TMP112-Q1 device is accomplished by writing the appropriate value to the
pointer register. The value for the pointer register is the first byte transferred after the slave address byte with the
R/W bit low. Every write operation to the TMP112-Q1 device requires a value for the pointer register (see
Figure 11).
When reading from the TMP112-Q1 device, the last value stored in the pointer register by a write operation is
used to determine which register is read by a read operation. To change the register pointer for a read operation,
a new value must be written to the pointer register. This action is accomplished by issuing a slave-address byte
with the R/W bit low, followed by the pointer register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit high to initiate the read command.
See Figure 12 for details of this sequence. If repeated reads from the same register are desired, continuously
sending the pointer register bytes is not necessary because the TMP112-Q1 device retains the pointer register
value until the value is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP112-Q1


Número de pieza similar - TMP112-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP112-Q1 TI1-TMP112-Q1 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results

Descripción similar - TMP112-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
HDC3020-Q1 TI-HDC3020-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   HDC3020-Q1 Automotive High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
TMP127-Q1 TI-TMP127-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TMP127-Q1 High-Accuracy, Low-Power, Digital Temperature Sensor With 3-Wire, SPICompatible Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com