Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS28226 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS28226
Descripción Electrónicos  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226 Datasheet(HTML) 3 Page - Texas Instruments

  TPS28226_15 Datasheet HTML 1Page - Texas Instruments TPS28226_15 Datasheet HTML 2Page - Texas Instruments TPS28226_15 Datasheet HTML 3Page - Texas Instruments TPS28226_15 Datasheet HTML 4Page - Texas Instruments TPS28226_15 Datasheet HTML 5Page - Texas Instruments TPS28226_15 Datasheet HTML 6Page - Texas Instruments TPS28226_15 Datasheet HTML 7Page - Texas Instruments TPS28226_15 Datasheet HTML 8Page - Texas Instruments TPS28226_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5
3
7
6
8
1
2
BOOT
PWM
VDD
EN/PG
GND
PHASE
4
Exposed
Thermal
Die Pad
LGATE
UGATE
1
2
3
4
8
7
6
5
UGATE
BOOT
PWM
GND
PHASE
EN/PG
VDD
LGATE
TPS28226
www.ti.com
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
DRB Package
8-Pin VSON
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
SOIC
VSON
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap
BOOT
2
2
I/O
capacitor between this pin and the Phase pin. The bootstrap capacitor
provides the charge to turn on the upper MOSFET.
Enable/power good input/output pin with 1-M
Ω impedance. Connect this pin
to High to enable and Low to disable the device. When disabled, the device
EN/PG
7
7
I/O
draws less than 350-
μA bias current. If the VDD is below UVLO threshold or
over temperature shutdown occurs, this pin is internally pulled low.
GND
4
4
Ground pin. All signals are referenced to this node.
Lower gate drive sink and source output. Connect to the gate of the low-side
LGATE
5
5
O
power N-Channel MOSFET.
Connect this pin to the source of the upper MOSFET and the drain of the
PHASE
8
8
I
lower MOSFET. This pin provides a return path for the upper gate driver.
The PWM signal is the control input for the driver. The PWM signal can enter
three distinct states during operation, see the 3-state PWM Input section
PWM
3
3
I
under DETAILED DESCRIPTION for further details. Connect this pin to the
PWM output of the controller.
Exposed die
Thermal pad
Connect directly to the GND for better thermal performance and EMI.
pad
Upper gate drive sink/source output. Connect to gate of high-side power N-
UGATE
1
1
O
Channel MOSFET.
Connect this pin to a 5-V bias supply. Place a high quality bypass capacitor
VDD
6
6
I
from this pin to GND.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS28226


Número de pieza similar - TPS28226_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS28226D TI-TPS28226D Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Descripción similar - TPS28226_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com