Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS28226 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS28226
Descripción Electrónicos  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226 Datasheet(HTML) 1 Page - Texas Instruments

  TPS28226 Datasheet HTML 1Page - Texas Instruments TPS28226 Datasheet HTML 2Page - Texas Instruments TPS28226 Datasheet HTML 3Page - Texas Instruments TPS28226 Datasheet HTML 4Page - Texas Instruments TPS28226 Datasheet HTML 5Page - Texas Instruments TPS28226 Datasheet HTML 6Page - Texas Instruments TPS28226 Datasheet HTML 7Page - Texas Instruments TPS28226 Datasheet HTML 8Page - Texas Instruments TPS28226 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
3
3
2
BOOT
UGATE
PHASE
LGATE
GND
1
8
5
4
Vout
Vin (4.5 V to 24V)
6
VDD
ENBL
7
PWM
3
Vc (4.5V to 8V)
TPS28226
OUT
FB
3
GND
3
VCC
TL500X
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS28226
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
1 Features
2 Applications
1
Drives Two N-Channel MOSFETs with 14-ns
Multi-Phase DC-to-DC Converters with Analog or
Adaptive Dead Time
Digital Control
Wide Gate Drive Voltage: 4.5 V Up to 8.8 V With
Desktop and Server VRMs and EVRDs
Best Efficiency at 7 V to 8 V
Portable and Notebook Regulators
Wide Power System Train Input Voltage: 3 V Up
Synchronous Rectification for Isolated Power
to 27 V
Supplies
Wide Input PWM Signals: 2.0 V up to 13.2-V
3 Description
Amplitude
The TPS28226 is a high-speed driver for N-channel
Capable to Drive MOSFETs with
≥40-A Current
complimentary driven power MOSFETs with adaptive
per Phase
dead-time control. This driver is optimized for use in
High Frequency Operation: 14-ns Propagation
variety of high-current one and multi-phase DC-to-DC
Delay and 10-ns Rise/Fall Time Allow FSW – 2
converters. The TPS28226 is a solution that provides
MHz
high efficiency, small size and low EMI emissions.
Capable to Propagate <30-ns Input PWM Pulses
The efficiency is achieved by up to 8.8-V gate drive
Low-Side Driver Sink On-Resistance (0.4
Ω)
voltage, 14-ns adaptive dead-time control, 14-ns
Prevents dV/dT Related Shoot-Through Current
propagation delays and high-current 2-A source and
4-A sink drive capability. The 0.4-
Ω impedance for
3-State PWM Input for Power Stage Shutdown
the lower gate driver holds the gate of power
Space Saving Enable (Input) and Power Good
MOSFET below its threshold and ensures no shoot-
(Output) Signals on Same Pin
through current at high dV/dt phase node transitions.
Thermal Shutdown
The bootstrap capacitor charged by an internal diode
allows use of N-channel MOSFETs in a half-bridge
UVLO Protection
configuration.
Internal Bootstrap Diode
Economical SOIC-8 and Thermally Enhanced 3-
Device Information(1)
mm x 3-mm DFN-8 Packages
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High Performance Replacement for Popular 3-
SOIC (8)
4.90 mm × 3.91 mm
TPS28226
State Input Drivers
VSON (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS28226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226D TI-TPS28226D Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Descripción similar - TPS28226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com