Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4738AP Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

No. de pieza 1N4738AP
Descripción Electrónicos  1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Página de inicio  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

1N4738AP Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  1N4738AP Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 1N4738AP Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. 1N4738AP Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximu
m DC
Zener
Current
Maximu
m Surge
Current
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
IZM
IRM
(V)
(mA)
(Ω)
(Ω)
(mA)
(mA)
(V)
(mA)
(mApk)
1N4736AP
6.8
37.0
3.5
700
1.0
10
4.0
133
660
1N4736A
1N4737AP
7.5
34.0
4.0
700
0.5
10
5.0
121
605
1N4737A
1N4738AP
8.2
31.0
4.5
700
0.5
10
6.0
110
550
1N4738A
1N4739AP
9.1
28.0
5.0
700
0.5
10
7.0
100
500
1N4739A
1N4740AP
10
25.0
7.0
700
0.25
10
7.6
91
454
1N4740A
1N4741AP
11
23.0
8.0
700
0.25
5.0
8.4
83
414
1N4741A
1N4742AP
12
21.0
9.0
700
0.25
5.0
9.1
76
380
1N4742A
1N4743AP
13
19.0
10
700
0.25
5.0
9.9
69
344
1N4743A
1N4744AP
15
17.0
14
700
0.25
5.0
11.4
61
305
1N4744A
1N4745AP
16
15.5
16
700
0.25
5.0
12.2
57
285
1N4745A
1N4746AP
18
14.0
20
750
0.25
5.0
13.7
50
250
1N4746A
1N4747AP
20
12.5
22
750
0.25
5.0
15.2
45
225
1N4747A
1N4748AP
22
11.5
23
750
0.25
5.0
16.7
41
205
1N4748A
1N4749AP
24
10.5
25
750
0.25
5.0
18.2
38
190
1N4749A
1N4750AP
27
9.5
35
750
0.25
5.0
20.6
34
170
1N4750A
1N4751AP
30
8.5
40
1000
0.25
5.0
22.8
30
150
1N4751A
1N4752AP
33
7.5
45
1000
0.25
5.0
25.1
27
135
1N4752A
1N4753AP
36
7.0
50
1000
0.25
5.0
27.4
25
125
1N4753A
1N4754AP
39
6.5
60
1000
0.25
5.0
29.7
23
115
1N4754A
1N4755AP
43
6.0
70
1500
0.25
5.0
32.7
22
110
1N4755A
1N4756AP
47
5.5
80
1500
0.25
5.0
35.8
19
95
1N4756A
1N4757AP
51
5.0
95
1500
0.25
5.0
38.8
18
90
1N4757A
1N4758AP
56
4.5
110
2000
0.25
5.0
42.6
16
80
1N4758A
1N4759AP
62
4.0
125
2000
0.25
5.0
47.1
14
70
1N4759A
1N4760AP
68
3.7
150
2000
0.25
5.0
51.7
13
65
1N4760A
1N4761AP
75
3.3
175
2000
0.25
5.0
56.0
12
60
1N4761A
1N4762AP
82
3.0
200
3000
0.25
5.0
62.2
11
55
1N4762A
1N4763AP
91
2.8
250
3000
0.25
5.0
69.2
10
50
1N4763A
1N4764AP
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
1N4764A
Notes :
Maximum Reverse
Leakage Current
IR @ VR
Marking
Code
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5 %.
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
TECHNOLOG
Y ZENER 1W
SERIES
Nominal Zener
Voltage
Maximum Zener Impedance
1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
1N4736AP THRU 1N4764AP
PB FREE PRODUCT


Número de pieza similar - 1N4738AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4738AP MICROSEMI-1N4738AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
1N4738AP MCC-1N4738AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
More results

Descripción similar - 1N4738AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
   2 W Glass Passivated Zener Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com