Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA4739A Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

No. de pieza SMA4739A
Descripción Electrónicos  1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Página de inicio  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SMA4739A Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SMA4739A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SMA4739A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. SMA4739A Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZZT@IZT
ZZK@IZK
IZK
Nom.V
Min.V
Max.V
mA
Ω
Ω
mA
μA
V
SMA4728A
3.3
3.1
3.5
76
10
400
1.0
100
1.0
28A
SMA4729A
3.6
3.4
3.8
69
10
400
1.0
100
1.0
29A
SMA4730A
3.9
3.7
4.1
64
9.0
400
1.0
50
1.0
30A
SMA4731A
4.3
4.1
4.5
58
9.0
400
1.0
10
1.0
31A
SMA4732A
4.7
4.5
4.9
53
8.0
500
1.0
10
1.0
32A
SMA4733A
5.1
4.8
5.4
49
7.0
550
1.0
10
1.0
33A
SMA4734A
5.6
5.3
5.9
45
5.0
600
1.0
10
2.0
34A
SMA4735A
6.2
5.9
6.5
41
2.0
700
1.0
10
3.0
35A
SMA4736A
6.8
6.5
7.1
37
3.5
700
1.0
10
4.0
36A
SMA4737A
7.5
7.1
7.9
34
4.0
700
0.5
10
5.0
37A
SMA4738A
8.2
7.8
8.6
31
4.5
700
0.5
10
6.0
38A
SMA4739A
9.1
8.6
9.6
28
5.0
700
0.5
10
7.0
39A
SMA4740A
10.0
9.5
10.5
25
7.0
700
0.25
10
7.6
40A
SMA4741A
11.0
10.5
11.6
23
8.0
700
0.25
5.0
8.4
41A
SMA4742A
12.0
11.4
12.6
21
9.0
700
0.25
5.0
9.1
42A
SMA4743A
13.0
12.4
13.7
19
10
700
0.25
5.0
9.9
43A
SMA4744A
15.0
14.3
15.8
17
14
700
0.25
5.0
11.4
44A
SMA4745A
16.0
15.2
16.8
15.5
16
700
0.25
5.0
12.2
45A
SMA4746A
18.0
17.1
18.9
14.0
20
750
0.25
5.0
13.7
46A
SMA4747A
20.0
19.0
21.0
12.5
22
750
0.25
5.0
15.2
47A
SMA4748A
22.0
20.9
23.1
11.5
23
750
0.25
5.0
16.7
48A
SMA4749A
24.0
22.8
25.2
10.5
25
750
0.25
5.0
18.2
49A
SMA4750A
27.0
25.7
28.4
9.5
35
750
0.25
5.0
20.6
50A
SMA4751A
30.0
28.5
31.5
8.5
40
1000
0.25
5.0
22.8
51A
SMA4752A
33.0
31.4
34.7
7.5
45
1000
0.25
5.0
25.1
52A
SMA4753A
36.0
34.2
37.8
7.0
50
1000
0.25
5.0
27.4
53A
SMA4754A
39.0
37.1
41.0
6.5
60
1000
0.25
5.0
29.7
54A
SMA4755A
43.0
40.9
45.2
6.0
70
1500
0.25
5.0
32.7
55A
SMA4756A
47.0
44.7
49.4
5.5
80
1500
0.25
5.0
35.8
56A
SMA4757A
51.0
48.5
53.6
5.0
95
1500
0.25
5.0
38.8
57A
SMA4758A
56.0
53.2
58.8
4.5
110
2000
0.25
5.0
42.6
58A
SMA4759A
62.0
58.9
65.1
4.0
125
2000
0.25
5.0
47.1
59A
SMA4760A
68.0
64.6
71.4
3.7
150
2000
0.25
5.0
51.7
60A
SMA4761A
75.0
71.3
78.8
3.3
175
2000
0.25
5.0
56.0
61A
SMA4762A
82.0
77.9
86.1
3.0
200
3000
0.25
5.0
62.2
62A
SMA4763A
91.0
86.5
95.6
2.8
250
3000
0.25
5.0
69.2
63A
SMA4764A
100.0
95.0
105.0
2.5
350
3000
0.25
5.0
76.0
64A
Maximum Leakage Current
Marking Code
IR@VR
1.0 Watt ZENER
TYPE
VZ@IZT
IZT
Maximum Zener Impedance
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
SMA4728A THRU SMA4764A
PB FREE PRODUCT


Número de pieza similar - SMA4739A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
SMA4739A YANGJIE-SMA4739A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4739A RFE-SMA4739A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4739A FORMOSA-SMA4739A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4739A SOCAY-SMA4739A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4739A SOCAY-SMA4739A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
More results

Descripción similar - SMA4739A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com