Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP107BQDQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP107BQDQ1
Descripción Electrónicos  TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP107BQDQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP107BQDQ1 Datasheet HTML 7Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 8Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 9Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 10Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 11Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 12Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 13Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 14Page - Texas Instruments TMP107BQDQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Oscillator
EEPROM
Power-On Reset
Input/Output
I/O1
I/O2
ALERT1
ALERT2
V+
GND
R1
R2
Digital Controls
Temperature
Sensor
ALERT
100 k

100 k

Thermal
Path
TMP107-Q1
www.ti.com
SBOS726A – OCTOBER 2015 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The TMP107-Q1 is a digital temperature sensor that is optimal for thermal monitoring of large areas over long
distances. The robust UART-compatible SMAART wire interface transfers data over a single wire at distances of
up to 1000 feet (300 meters) between consecutive devices in the chain, and is capable of communicating in a
daisy-chained configuration with up to 32 devices on a single bus.
The TMP107-Q1 supports individual commands to a specific device in the daisy chain, and also supports global
commands that allow multiple TMP107-Q1s in the chain to respond to a single command.
8.2 Functional Block Diagram
NOTE: The temperature sensor of the TMP107-Q1 is the silicon chip. Thermal paths run through the package leads.
The lower thermal resistance of metal enables the leads to provide the primary thermal path.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP107-Q1


Número de pieza similar - TMP107BQDQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP107BID TI-TMP107BID Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107BIDR TI-TMP107BIDR Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
More results

Descripción similar - TMP107BQDQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
[Old version datasheet]   TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
[Old version datasheet]   TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com