Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM95213 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM95213
Descripción Electrónicos  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 4 Page - Texas Instruments

  LM95213_15 Datasheet HTML 1Page - Texas Instruments LM95213_15 Datasheet HTML 2Page - Texas Instruments LM95213_15 Datasheet HTML 3Page - Texas Instruments LM95213_15 Datasheet HTML 4Page - Texas Instruments LM95213_15 Datasheet HTML 5Page - Texas Instruments LM95213_15 Datasheet HTML 6Page - Texas Instruments LM95213_15 Datasheet HTML 7Page - Texas Instruments LM95213_15 Datasheet HTML 8Page - Texas Instruments LM95213_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
11
12
13
14
SMBus
Master
* Note, place close to LM95213 pins.
** Note, optional - place close to LM95213 pins.
LM95213
1
2
3
4
NC
VDD
NC
NC
SMBCLK
C1*
100 pF
C2
0.1 PF
SMBCLK
SMBDAT
C5**
100 pF
+3.3V
Standby
R4
1.3k
R5
1.3k
D-
D2+
D1+
5
6
7
8
9
10
A0
SMBDAT
PROCESSOR
Q1
MMBT3904
C4**
100 pF
R3
10k
R2
10k
R1
10k
SO
DIMM
C3
10 PF
TCRIT2
TCRIT1
TCRIT3
GND
LM95213
SNIS147A – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at SMBDAT, SMBCLK,
TCRIT1, TCRIT2, TCRIT3
−0.5V to 6.0V
Voltage at Other Pins
−0.3V to (VDD + 0.3V)
D
− Input Current
±1 mA
Input Current at All Other Pins (2)
±5 mA
Package Input Current (2)
30 mA
SMBDAT, TCRIT1, TCRIT2,
TCRIT3 Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility (3)
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
Soldering process must comply with reflow temperature profile specifications. Refer to http://www.ti.com/packaging (4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to
5 mA. Parasitic components and or ESD protection circuitry are shown in the table below for the LM95213's pins.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged
Device Model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated
assembler) then rapidly being discharged.
(4)
Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM95213


Número de pieza similar - LM95213_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95213CISD NSC-LM95213CISD Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM95213CISDX NSC-LM95213CISDX Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
More results

Descripción similar - LM95213_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM83 NSC-LM83 Datasheet
331Kb / 20P
   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM83 TI-LM83_15 Datasheet
337Kb / 22P
[Old version datasheet]   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com