Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM95214 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM95214
Descripción Electrónicos  Quad Remote Diode and Local Temperature Sensor with SMBus Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM95214 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95214_15 Datasheet HTML 7Page - Texas Instruments LM95214_15 Datasheet HTML 8Page - Texas Instruments LM95214_15 Datasheet HTML 9Page - Texas Instruments LM95214_15 Datasheet HTML 10Page - Texas Instruments LM95214_15 Datasheet HTML 11Page - Texas Instruments LM95214_15 Datasheet HTML 12Page - Texas Instruments LM95214_15 Datasheet HTML 13Page - Texas Instruments LM95214_15 Datasheet HTML 14Page - Texas Instruments LM95214_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
CONVERSION TIME (ms)
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = +3.3V
TA = 25°C
LM95214
www.ti.com
SNIS146A – MARCH 2007 – REVISED MARCH 2013
5. Status Registers
Main Status Register (Busy bit, Not Ready, Status Register 1 to 4 Flags)
Status 1 (diode fault)
Status 2 (TCRIT1)
Status 3 (TCRIT2)
Status 4 (TCRIT3)
6. Mask Registers
TCRIT1 Mask
TCRIT2 Mask
TCRIT3 Mask
7. Limit Registers
Local Tcrit Limit
Remote 1 Tcrit-1 Limit
Remote 2 Tcrit-1 Limit
Remote 3 Tcrit Limit
Remote 4 Tcrit Limit
Remote 1 Tcrit-2 and Tcrit-3 Limit
Remote 2 Tcrit-2 and Tcrit-3 Limit
Common Tcrit Hysteresis
8. Manufacturer ID Register
9. Revision ID Register
CONVERSION SEQUENCE
The LM95214 takes approximately 190 ms to convert the Local Temperature, Remote Temperatures 1 through
4, and to update all of its registers. These conversions for each thermal diode are addressed in a round robin
sequence. Only during the conversion process the busy bit (D7) in Status register (02h) is high. The conversion
rate may be modified by the Conversion Rate bits found in the Configuration Register (03h). When the
conversion rate is modified a delay is inserted between each round of conversions, the actual time for each
round remains at 190 ms (typical all channels enabled). The time a round takes depends on the number of
channels that are on. Different conversion rates will cause the LM95214 to draw different amounts of average
supply current as shown in Figure 6. This curve assumes all the channels are on. If channels are turned off the
average current will drop since the round robin time will decrease and the shutdown time will increase during
each conversion interval.
Figure 6. Conversion Rate Effect on Power Supply Current
POWER-ON-DEFAULT STATES
The LM95214 always powers up to these known default states. The LM95214 remains in these states until after
the first conversion.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM95214


Número de pieza similar - LM95214_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95214CISD NSC-LM95214CISD Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214CISDX NSC-LM95214CISDX Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results

Descripción similar - LM95214_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com