Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM95231 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
LM95231 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 30 page 10 100 1000 10000 CONVERSION TIME (ms) 0.0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.0 VDD = +3.3V TA = 25 oC LM95231 SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013 www.ti.com CONVERSION SEQUENCE In the power up default state the LM95231 takes maximum a 77.5 ms to convert the Local Temperature, Remote Temperature 1 and 2, and to update all of its registers. Only during the conversion process is the busy bit (D7) in the Status register (02h) high. These conversions are addressed in a round robin sequence. The conversion rate may be modified by the Conversion Rate bits found in the Configuration Register (03h). When the conversion rate is modified a delay is inserted between conversions, the actual maximum conversion time remains at 87.7 ms. Different conversion rates will cause the LM95231 to draw different amounts of supply current as shown in Figure 6. Figure 6. Conversion Rate Effect on Power Supply Current POWER-ON-DEFAULT STATES LM95231 always powers up to these known default states. The LM95231 remains in these states until after the first conversion. 1. Command Register set to 00h 2. Local Temperature set to 0°C until the end of the first conversion 3. Remote Diode Temperature set to 0°C until the end of the first conversion 4. Remote Diode digital filters are on. 5. Remote Diode 1 model is set to Pentium 4 processor on 90nm process with TruTherm mode enabled. Remote Diode 2 model is set to 2N3904 with TruTherm mode disabled. 6. Status Register depends on state of thermal diode inputs 7. Configuration register set to 00h; continuous conversion, typical time = 85.8 ms when TruTherm Mode is enabled for Remote 1 only SMBus INTERFACE The LM95231 operates as a slave on the SMBus, so the SMBCLK line is an input and the SMBDAT line is bidirectional. The LM95231 never drives the SMBCLK line and it does not support clock stretching. According to SMBus specifications, the LM95231 has a 7-bit slave address. All bits A6 through A0 are internally programmed and can not be changed by software or hardware. The SMBus slave address is dependent on the LM95231 part number ordered: 10 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM95231 |
Número de pieza similar - LM95231 |
|
Descripción similar - LM95231 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |