Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM95233CISD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM95233CISD
Descripción Electrónicos  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM95233CISD Datasheet(HTML) 4 Page - Texas Instruments

  LM95233CISD Datasheet HTML 1Page - Texas Instruments LM95233CISD Datasheet HTML 2Page - Texas Instruments LM95233CISD Datasheet HTML 3Page - Texas Instruments LM95233CISD Datasheet HTML 4Page - Texas Instruments LM95233CISD Datasheet HTML 5Page - Texas Instruments LM95233CISD Datasheet HTML 6Page - Texas Instruments LM95233CISD Datasheet HTML 7Page - Texas Instruments LM95233CISD Datasheet HTML 8Page - Texas Instruments LM95233CISD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
11
12
13
14
SMBus
Master
* Note, place close to LM95233 pins.
** Note, optional - place close to LM95233 pins.
LM95233
1
2
3
4
NC
VDD
NC
NC
SMBCLK
C1*
100 pF
C2
0.1 PF
SMBCLK
SMBDAT
C5**
100 pF
+3.3V
Standby
R4
1.3k
R5
1.3k
D-
D2+
D1+
5
6
7
8
9
10
A0
SMBDAT
PROCESSOR
Q1
MMBT3904
C4**
100 pF
R3
10k
R2
10k
R1
10k
SO
DIMM
C3
10 PF
TCRIT2
TCRIT1
TCRIT3
GND
LM95233
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at SMBDAT, SMBCLK,
TCRIT1, TCRIT2, TCRIT3
−0.5V to 6.0V
Voltage at Other Pins
−0.3V to (VDD + 0.3V)
D
− Input Current
±1 mA
Input Current at All Other Pins (2)
±5 mA
Package Input Current (2)
30 mA
SMBDAT, TCRIT1, TCRIT2,
TCRIT3 Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility (3)
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
Soldering process must comply with Texas Instruments' reflow temperature profile specifications. Refer to SNOA549 (4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to
5 mA. Parasitic components and or ESD protection circuitry are shown in the table below for the LM95233's pins.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged
Device Model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated
assembler) then rapidly being discharged.
(4)
Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95233


Número de pieza similar - LM95233CISD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95233CISD NSC-LM95233CISD Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISD NSC-LM95233CISD Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Descripción similar - LM95233CISD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com