Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMT86 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LMT86
Descripción Electrónicos  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMT86 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMT86_15 Datasheet HTML 3Page - Texas Instruments LMT86_15 Datasheet HTML 4Page - Texas Instruments LMT86_15 Datasheet HTML 5Page - Texas Instruments LMT86_15 Datasheet HTML 6Page - Texas Instruments LMT86_15 Datasheet HTML 7Page - Texas Instruments LMT86_15 Datasheet HTML 8Page - Texas Instruments LMT86_15 Datasheet HTML 9Page - Texas Instruments LMT86_15 Datasheet HTML 10Page - Texas Instruments LMT86_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
7.6
Accuracy Characteristics
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
CONDITIONS
MIN(1)
TYP(2) MAX (1)
UNIT
40°C to 150°C; VDD = 2.2 V to 5.5 V
-2.7
±0.4
2.7
°C
0°C to 40°C; VDD = 2.4 V to 5.5 V
-2.7
±0.7
2.7
°C
Temperature accuracy(3)
0°C to 70°C; VDD = 3.0 V to 5.5 V
±0.3
°C
–50°C to 0°C; VDD = 3.0 V to 5.5 V
-2.7
±0.7
2.7
°C
–50°C to 0°C; VDD = 3.6 V to 5.5 V
±0.25
°C
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no dc load.
7.7
Electrical Characteristics
Unless otherwise noted, these specifications apply for +VDD = 2.2 V to 5.5 V. MIN and MAX limits apply for TA = TJ = TMIN to
TMAX , unless otherwise noted; typical values apply for TA = TJ = 25°C.
PARAMETER
CONDITIONS
MIN (1)
TYP (2)
MAX (1)
UNIT
Average sensor gain (output
-30°C and 90°C used to calculate average
–10.9
mV/°C
transfer function slope)
sensor gain
Source
≤ 50 μA, (VDD – VOUT) ≥ 200 mV
-1
–0.22
mV
Load regulation(3)
Sink
≤ 50 μA, VOUT ≥ 200 mV
0.26
1
mV
Line regulation(4)
200
μV/V
TA = 30°C to 150°C, (VDD – VOUT) ≥ 100 mV
5.4
8.1
μA
IS
Supply current
TA = -50°C to 150°C, (VDD – VOUT) ≥ 100 mV
5.4
9
μA
CL
Output load capacitance
1100
pF
Power-on time(5)
CL= 0 pF to 1100 pF
0.7
1.9
ms
Output drive
TA = TJ = 25°C
-50
50
µA
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Source currents are flowing out of the LMT86 and LMT86-Q1. Sink currents are flowing into the LMT86 and LMT86-Q1.
(4)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in Output Voltage Shift.
(5)
Specified by design and characterization.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMT86 LMT86-Q1


Número de pieza similar - LMT86_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Descripción similar - LMT86_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com