Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMT87QDCKTQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMT87QDCKTQ1
Descripción Electrónicos  SC70/TO-92,Analog Temperature Sensors with Class-AB Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMT87QDCKTQ1 Datasheet(HTML) 2 Page - Texas Instruments

  LMT87QDCKTQ1 Datasheet HTML 1Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 2Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 3Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 4Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 5Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 6Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 7Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 8Page - Texas Instruments LMT87QDCKTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LMT87, LMT87-Q1
SNIS170C – JAN 2014 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 9
1
Features .................................................................. 1
8.3
Feature Description................................................... 9
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 11
3
Description ............................................................. 1
9
Application and Implementation ........................ 12
4
Full-Range Celsius Temperature Sensor (
−50°C
9.1
Application Information............................................ 12
to 150°C) ................................................................. 1
9.2
Typical Applications ............................................... 12
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 14
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 14
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 14
7.1
Absolute Maximum Ratings ...................................... 5
11.2
Layout Example .................................................... 15
7.2
ESD Ratings - Commercial ....................................... 5
12
Device and Documentation Support ................. 16
7.3
ESD Ratings - Automotive ........................................ 5
12.1
Related Links ........................................................ 16
7.4
Recommended Operating Conditions ...................... 5
12.2
Community Resources.......................................... 16
7.5
Thermal Information .................................................. 6
12.3
Trademarks ........................................................... 16
7.6
Accuracy Characteristics........................................... 6
12.4
Electrostatic Discharge Caution ............................ 16
7.7
Electrical Characteristics .......................................... 6
12.5
Glossary ................................................................ 16
7.8
Typical Characteristics ............................................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 9
Information ........................................................... 16
8.1
Overview ................................................................... 9
5 Revision History
Changes from Revision B (May 2014) to Revision C
Page
Deleted all mentions of TO-126 package .............................................................................................................................. 1
Added TO-92 LPM pin configuration graphic ......................................................................................................................... 4
Changed Handling Ratings to ESD Ratings and moved Storage Temperature to Absolute Maximum Ratings table........... 5
Changed KV to V ................................................................................................................................................................... 5
Added layout recommendation for TO-92 LP and LPM packages....................................................................................... 15
Added Community Resources ............................................................................................................................................. 16
Changes from Revision A (June 2013) to Revision B
Page
Added data sheet flow and layout to conform with new TI standards. Added the following sections: Application and
Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, Mechanical,
Packaging, and Orderable Information .................................................................................................................................. 1
Added TO-92 and TO-126 package information. .................................................................................................................. 1
Changed 450 °C/W to 275 °C/W. New specification is derived using TI ' s latest methodology. ......................................... 6
Deleted Note: The input current is leakage only and is highest at high temperature. It is typically only 0.001
μA. The
1
μA limit is solely based on a testing limitation and does not reflect the actual performance of the part............................. 6
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMT87 LMT87-Q1


Número de pieza similar - LMT87QDCKTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMT87QDCKTQ1 TI1-LMT87QDCKTQ1 Datasheet
988Kb / 16P
[Old version datasheet]   LMT87/LMT87-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87QDCKTQ1 TI1-LMT87QDCKTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87QDCKTQ1 TI1-LMT87QDCKTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
More results

Descripción similar - LMT87QDCKTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com