Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM45 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM45
Descripción Electrónicos  SOT-23 Precision Centigrade Temperature Sensors8
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM45 Datasheet(HTML) 3 Page - Texas Instruments

  LM45_15 Datasheet HTML 1Page - Texas Instruments LM45_15 Datasheet HTML 2Page - Texas Instruments LM45_15 Datasheet HTML 3Page - Texas Instruments LM45_15 Datasheet HTML 4Page - Texas Instruments LM45_15 Datasheet HTML 5Page - Texas Instruments LM45_15 Datasheet HTML 6Page - Texas Instruments LM45_15 Datasheet HTML 7Page - Texas Instruments LM45_15 Datasheet HTML 8Page - Texas Instruments LM45_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM45
www.ti.com
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
Electrical Characteristics
Unless otherwise noted, these specifications apply for +VS = +5Vdc and ILOAD = +50 μA, in the circuit of Figure 3. These
specifications also apply from +2.5°C to TMAX in the circuit of Figure 2 for +VS = +5Vdc. Boldface limits apply for TA = T J =
TMIN to TMAX ; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
LM45B
LM45C
Units
(Limit)
Typical
Limit(1)
Typical
Limit(1)
Accuracy(2)
T A=+25°C
±2.0
±3.0
T A=TMAX
±3.0
±4.0
°C (max)
T A=TMIN
±3.0
±4.0
Nonlinearity(3)
T MIN≤TA≤TMAX
±0.8
±0.8
°C (max)
Sensor Gain (Average Slope)
T MIN≤TA≤TMAX
+9.7
+9.7
mV/°C (min)
+10.3
+10.3
mV/°C (max)
Load Regulation(4)
0
≤I L≤ +1 mA
±35
±35
mV/mA (max)
Line Regulation(4)
+4.0V
≤+V S≤+10V
±0.80
±0.80
mV/V (max)
±1.2
±1.2
Quiescent Current(5)
+4.0V
≤+V S≤+10V, +25°C
120
120
μA (max)
+4.0V
≤+V S≤+10V
160
160
Change of Quiescent Current(5)
4.0V
≤+V S≤10V
2.0
2.0
μA (max)
Temperature Coefficient of
+2.0
+2.0
μA/°C
Quiescent Current
Minimum Temperature for Rated
In circuit of Figure 2, IL=0
+2.5
+2.5
°C (min)
Accuracy
Long Term Stability(6)
T J=TMAX, for 1000 hours
±0.12
±0.12
°C
(1)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the output voltage and 10 mv/°C times the device's case temperature, at specified conditions
of voltage, current, and temperature (expressed in °C).
(3)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(4)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(5)
Quiescent current is measured using the circuit of Figure 2.
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered;
allow time for stress relaxation to occur.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM45


Número de pieza similar - LM45_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4500A NSC-LM4500A Datasheet
252Kb / 7P
   LM4500A High Fidelity FM Stereo Demodulator with Blend
LM4500AN NSC-LM4500AN Datasheet
252Kb / 7P
   LM4500A High Fidelity FM Stereo Demodulator with Blend
logo
Pulse A Technitrol Comp...
LM450C PULSE-LM450C Datasheet
395Kb / 3P
   UHF 406-512 MHz
LM450C PULSE-LM450C Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
More results

Descripción similar - LM45_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
215Kb / 9P
   SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90 Datasheet
910Kb / 14P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com