Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM45CIM3X Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM45CIM3X
Descripción Electrónicos  SOT-23 Precision Centigrade Temperature Sensors8
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM45CIM3X Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM45CIM3X Datasheet HTML 6Page - Texas Instruments LM45CIM3X Datasheet HTML 7Page - Texas Instruments LM45CIM3X Datasheet HTML 8Page - Texas Instruments LM45CIM3X Datasheet HTML 9Page - Texas Instruments LM45CIM3X Datasheet HTML 10Page - Texas Instruments LM45CIM3X Datasheet HTML 11Page - Texas Instruments LM45CIM3X Datasheet HTML 12Page - Texas Instruments LM45CIM3X Datasheet HTML 13Page - Texas Instruments LM45CIM3X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LM45
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
www.ti.com
* =1% or 2% film resistor
-Trim RB for VB=3.075V
-Trim RC for VC=1.955V
-Trim RA for VA=0.075V + 100mV/°C × Tambient
-Example, VA=2.275V at 22°C
Figure 25. Bar-Graph Temperature Display (Dot Mode)
Figure 26. LM45 With Voltage-To-Frequency Converter And Isolated Output
(2.5°C to +100°C; 25 Hz to 1000 Hz)
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM45


Número de pieza similar - LM45CIM3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM45CIM3X NSC-LM45CIM3X Datasheet
215Kb / 9P
   SOT-23 Precision Centigrade Temperature Sensors
LM45CIM3X NSC-LM45CIM3X Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45CIM3X NSC-LM45CIM3X Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
More results

Descripción similar - LM45CIM3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
215Kb / 9P
   SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90 Datasheet
910Kb / 14P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com